Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARA-R5 Datasheet(PDF) 37 Page - u-blox AG

Part # SARA-R5
Description  LTE-M / NB-IoT modules with secure cloud
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R5 Datasheet(HTML) 37 Page - u-blox AG

Back Button SARA-R5 Datasheet HTML 33Page - u-blox AG SARA-R5 Datasheet HTML 34Page - u-blox AG SARA-R5 Datasheet HTML 35Page - u-blox AG SARA-R5 Datasheet HTML 36Page - u-blox AG SARA-R5 Datasheet HTML 37Page - u-blox AG SARA-R5 Datasheet HTML 38Page - u-blox AG SARA-R5 Datasheet HTML 39Page - u-blox AG SARA-R5 Datasheet HTML 40Page - u-blox AG SARA-R5 Datasheet HTML 41Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
SARA-R5 series - Data sheet
UBX-19016638 - R06
Labeling and ordering information
Page 37 of 43
C1-Public
8 Labeling and ordering information
8.1 Product labeling
The labels of SARA-R5 series modules include important product information as described in this
section. Figure 9 illustrates the label of the SARA-R5 series modules, and includes: u-blox logo,
production lot, Pb-free marking, product type number, IMEI number, certification information, and
production country.
SARA-xxxxx
xxB-xx
XXX: XXXXXXXXXXXX
XXX: XXXXXXXXXXXX
Figure 9: SARA-R5 series module label
8.2 Explanation of codes
Three different product code formats are used. The Product Name is used in documentation such as
this data sheet and identifies all the u-blox products, independent of packaging and quality grade. The
Ordering Code includes options and quality, while the Type Number includes the hardware and
firmware versions. Table 26 details these 3 different formats:
Format
Structure
Product Name
PPPP-TGVV(HH)(F)
Ordering Code
PPPP-TGVV(HH)(F)-MMQ
Type Number
PPPP-TGVV(HH)(F)-MMQ-XX
Table 26: Product code formats
Table 27 explains the parts of the product code.
Code
Meaning
Example
PPPP
Form factor
SARA
TG
Platform (Technology and Generation)
 Dominant technology: G = GSM, U = HSUPA, C = CDMA 1xRTT, N = NB-IoT (LTE Cat NB1),
R = LTE low data rate (Cat 1 and Cat M1), L = LTE high data rate (Cat 3 and above)
 Generation: 1…9
R5
VV
Variant function set based on the same platform: 00…99
10
(HH)
GNSS generation (optional): M8 = u-blox M8, M9 = u-blox M9, …
M8
(F)
Additional features (optional): S = secure cloud, …
S
MM
Major product version: 00…99
00
Q
Product grade: C = standard, B = professional, A = automotive
B
XX
Minor product version: 00…99
Default value is 00
Table 27: Part identification code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com