Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM2I99447 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM2I99447
Description  3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2I99447 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM2I99447 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM2I99447 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM2I99447 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM2I99447 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM2I99447 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM2I99447 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM2I99447 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM2I99447 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM2I99447 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
May 2005
ASM2I99447
rev 0.3
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
3 of 14
Notice: The information in this document is subject to change without notice.
Table 3. General Specifications
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output termination voltage
VCC ÷2
V
MM
ESD protection (Machine model)
200
V
HBM
ESD protection (Human body model)
2000
V
LU
Latch-up immunity
200
mA
CPD
Power dissipation capacitance
10
pF
Per output
CIN
Input capacitance
4.0
pF
Inputs
Table 4. Absolute Maximum Ratings
1
Symbol
Characteristics
Min
Max
Unit
Condition
VCC
Supply Voltage
-0.3
3.9
V
VIN
DC Input Voltage
-0.3
VCC + 0.3
V
VOUT
DC Output Voltage
-0.3
VCC + 0.3
V
IIN
DC Input Current
±20
mA
IOUT
DC Output Current
±50
mA
TS
Storage temperature
-65
125
°C
Note: 1.These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Table 5. DC Characteristics (V
CC = 3.3V ± 5%, TA = 40°C to +85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input High Voltage
2.0
VCC + 0.3
V
LVCMOS
VIL
Input Low Voltage
–0.3
0.8
V
LVCMOS
VOH
Output High Voltage
2.4
V
IOH = -24 mA
1
VOL
Output Low Voltage
0.55
0.30
V
V
IOL = 24 mA
IOL = 12 mA
ZOUT
Output Impedance
17
W
IIN
Input Current
2
±300
mA
VIN = VCC or GND
ICCQ
Maximum Quiescent Supply Current
3
2.0
mA
All VCC Pins
Note: 1. The ASM2I99447 is capable of driving 50
Ω transmission lines on the incident edge. Each output drives one 50Ω parallel terminated transmission line to
a termination voltage of VTT. Alternatively, the device drives up to two 50Ω series terminated transmission lines (for VCC=3.3V).
2. Inputs have pull-down or pull-up resistors affecting the input current.
3. ICCQ is the DC current consumption of the device with all outputs open and the input in its default state or open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com