Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM2I99447 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM2I99447
Description  3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2I99447 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM2I99447 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM2I99447 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM2I99447 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM2I99447 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM2I99447 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM2I99447 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM2I99447 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM2I99447 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM2I99447 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
May 2005
ASM2I99447
rev 0.3
Alliance Semiconductor
2575, Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
Notice: The information in this document is subject to change without notice.
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
Features
9 LVCMOS Compatible Clock Outputs
2 Selectable, LVCMOS Compatible Inputs
Maximum Clock Frequency of 350 MHz
Maximum Clock Skew of 150 pS
Synchronous Output Stop in Logic Low State
Eliminates Output Runt Pulses
High–Impedance Output Control
3.3V or 2.5V Power Supply
Drives up to 18 Series Terminated Clock Lines
Ambient Temperature Range –40°C to +85°C
32 Lead LQFP and TQFP Packaging
Supports
Clock
Distribution
in
Networking,
Telecommunications and Computer Applications
Pin and Function Compatible to MPC947 and
MPC9447
Functional Description
The ASM2I99447 is a 3.3V or 2.5V compatible, 1:9 clock
fanout buffer targeted for high performance clock tree
applications. With output frequencies up to 350 MHz and
output skews less than 150 pS, the device meets the needs
of most demanding clock applications.
ASM2I99447 is specifically designed to distribute LVCMOS
compatible clock signals up to a frequency of 350 MHz.
Each output provides a precise copy of the input signal with
a near zero skew. The outputs buffers support driving of
50
Ω terminated transmission lines on the incident edge:
each is capable of driving either one parallel terminated or
two series terminated transmission lines.
Two selectable independent LVCMOS compatible clock
inputs are available, providing support of redundant clock
source systems. The ASM2I99447 CLK_STOP control is
synchronous to the falling edge of the input clock. It allows
the start and stop of the output clock signal only in a logic
low state, thus eliminating potential output runt pulses.
Applying the OE control will force the outputs into high
impedance mode.
All inputs have an internal pull–up or pull–down resistor
preventing unused and open inputs from floating. The
device supports a 2.5V or 3.3V power supply and an
ambient temperature range of –40°C to +85°C. The
ASM2I99447
is
pin
and
function
compatible
but
performance enhanced to the MPC947 and MPC9447.


Similar Part No. - ASM2I99447

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2I99446 ALSC-ASM2I99446 Datasheet
575Kb / 14P
2.5V and 3.3V LVCMOS Clock Distribution Buffer
ASM2I99446-32-ER ALSC-ASM2I99446-32-ER Datasheet
575Kb / 14P
2.5V and 3.3V LVCMOS Clock Distribution Buffer
ASM2I99446-32-ET ALSC-ASM2I99446-32-ET Datasheet
575Kb / 14P
2.5V and 3.3V LVCMOS Clock Distribution Buffer
ASM2I99446-32-LR ALSC-ASM2I99446-32-LR Datasheet
575Kb / 14P
2.5V and 3.3V LVCMOS Clock Distribution Buffer
ASM2I99446-32-LT ALSC-ASM2I99446-32-LT Datasheet
575Kb / 14P
2.5V and 3.3V LVCMOS Clock Distribution Buffer
More results

Similar Description - ASM2I99447

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
MPC9447 MOTOROLA-MPC9447 Datasheet
231Kb / 12P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9447 IDT-MPC9447 Datasheet
379Kb / 9P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
PCS2I99447 PULSECORE-PCS2I99447 Datasheet
567Kb / 14P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8180A AKM-AK8180A Datasheet
580Kb / 12P
2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8180B AKM-AK8180B Datasheet
669Kb / 12P
2.5V, 3.3V LVCMOS 1:9 Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
MPC9447 RENESAS-MPC9447 Datasheet
325Kb / 12P
3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com