Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9447 Datasheet (PDF) - Renesas Technology Corp

MPC9447 Datasheet PDF - Renesas Technology Corp
Part # MPC9447
Download  MPC9447 Download
File Size   325.89 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer

MPC9447 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9447 Datasheet PDF - Renesas Technology Corp

Part # MPC9447
Download  MPC9447 Click to download

File Size   325.89 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer

MPC9447 Datasheet (HTML) - Renesas Technology Corp


MPC9447 Product details

The Freescale Semiconductor, Inc. MPC9447 is a 3.3 V or 2.5 V compatible, 1:9 clock
fanout buffer targeted for high performance clock tree applications. With output frequencies up
to 350 MHz and output skews less than 150 ps, the device meets the needs of most demanding
clock applications.
Features
• 9 LVCMOS Compatible Clock Outputs
• 2 Selectable, LVCMOS Compatible Inputs
• Maximum Clock Frequency of 350 MHz
• Maximum Clock Skew of 150 ps
• Synchronous Output Stop in Logic Low State Eliminates Output Runt Pulses
• High-Impedance Output Control
• 3.3 V or 2.5 V Power Supply
• Drives up to 18 Series Terminated Clock Lines
• Ambient Temperature Range -40C to +85C
• 32-Lead LQFP Packaging, Pb-free
• Supports Clock Distribution in Networking, Telecommunications, and Computer
Applications
• Pin and Function Compatible to MPC947
• For drop in replacement use 83947AYILN




Similar Part No. - MPC9447

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9447 MOTOROLA-MPC9447 Datasheet
231Kb / 12P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9447 IDT-MPC9447 Datasheet
379Kb / 9P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Motorola, Inc
MPC9447D MOTOROLA-MPC9447D Datasheet
231Kb / 12P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Integrated Circuit Solu...
MPC9447FA ICSI-MPC9447FA Datasheet
305Kb / 11P
9 LVCMOS Compatible Clock Outputs
More results


Similar Description - MPC9447

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
MPC9447 MOTOROLA-MPC9447 Datasheet
231Kb / 12P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Alliance Semiconductor ...
ASM2I99447 ALSC-ASM2I99447 Datasheet
565Kb / 14P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9447 IDT-MPC9447 Datasheet
379Kb / 9P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
PCS2I99447 PULSECORE-PCS2I99447 Datasheet
567Kb / 14P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8180A AKM-AK8180A Datasheet
580Kb / 12P
2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8180B AKM-AK8180B Datasheet
669Kb / 12P
2.5V, 3.3V LVCMOS 1:9 Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com