Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9447 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # MPC9447
Description  3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9447 Datasheet(HTML) 4 Page - Renesas Technology Corp

  MPC9447 Datasheet HTML 1Page - Renesas Technology Corp MPC9447 Datasheet HTML 2Page - Renesas Technology Corp MPC9447 Datasheet HTML 3Page - Renesas Technology Corp MPC9447 Datasheet HTML 4Page - Renesas Technology Corp MPC9447 Datasheet HTML 5Page - Renesas Technology Corp MPC9447 Datasheet HTML 6Page - Renesas Technology Corp MPC9447 Datasheet HTML 7Page - Renesas Technology Corp MPC9447 Datasheet HTML 8Page - Renesas Technology Corp MPC9447 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REVISION 9 3/15/16
4
©2016 Integrated Device Technology, Inc.
MPC9447 DATA SHEET
Table 6. AC Characteristics (VCC = 3.3 V ± 5%, TA = -40°C to +85°C)
(1)
1. AC characteristics apply for parallel output termination of 50
 to V
TT.
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input Frequency
0
350
MHz
fmax
Output Frequency
0
350
MHz
fP,REF
Reference Input Pulse Width
1.4
ns
tr, tf
CCLK0, CCLK1 Input Rise/Fall Time
1.0(2)
2. Violation of the 1.0 ns maximum input rise and fall time limit will affect the device propagation delay, device-to-device skew, reference input pulse width,
output duty cycle and maximum frequency specifications.
ns
0.8 to 2.0 V
tPLH/HL
Propagation Delay
CCLK0 or CCLK1 to any Q
1.3
3.3
ns
tPLZ, HZ
Output Disable Time
11
ns
tPZL, ZH
Output Enable Time
11
ns
tS
Setup Time
CCLK0 or CCLK1 to CLK_STOP(3)
3. Setup and hold times are referenced to the falling edge of the selected clock signal input.
0.0
ns
tH
Hold Time
CCLK0 or CCLK1 to CLK_STOP(3)
1.0
ns
tsk(O)
Output-to-Output Skew
150
ps
tsk(PP)
Device-to-Device Skew
2.0
ns
tSK(P)
DCQ
Output Pulse Skew(4)
Output Duty Cycle
fQ<170 MHz
4. Output pulse skew is the absolute difference of the propagation delay times: | tPLH – tPHL |.
45
50
300
55
ps
%
DCREF = 50%
tr, tf
Output Rise/Fall Time
0.1
1.0
ns
0.55 to 2.4 V
tJIT
Buffer Additive Phase Jitter, RMS
0.03
ps
156.25MHz,
Integration Range:
12kHz - 20MHz
Table 7. DC Characteristics (VCC = 2.5 V ± 5%, TA = -40°C to +85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input High Voltage
1.7
VCC + 0.3
V
LVCMOS
VIL
Input Low Voltage
–0.3
0.7
V
LVCMOS
VOH
Output High Voltage
1.8
V
IOH = –15 mA
(1)
1. The MPC9447 is capable of driving 50
 transmission lines on the incident edge. Each output drives one 50  parallel terminated transmission line to a
termination voltage of VTT. Alternatively, the device drives one 50  series terminated transmission lines per output (VCC = 2.5 V).
VOL
Output Low Voltage
0.6
V
IOL = 15 mA
ZOUT
Output Impedance
19
IIN
Input Current(2)
2. Inputs have pull-down or pull-up resistors affecting the input current.
300
A
VIN = VCC or GND
ICCQ
Maximum Quiescent Supply Current(3)
3. ICCQ is the DC current consumption of the device with all outputs open and the input in its default state or open.
2.0
mA
All VCC Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com