Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9447 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # MPC9447
Description  3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9447 Datasheet(HTML) 2 Page - Renesas Technology Corp

  MPC9447 Datasheet HTML 1Page - Renesas Technology Corp MPC9447 Datasheet HTML 2Page - Renesas Technology Corp MPC9447 Datasheet HTML 3Page - Renesas Technology Corp MPC9447 Datasheet HTML 4Page - Renesas Technology Corp MPC9447 Datasheet HTML 5Page - Renesas Technology Corp MPC9447 Datasheet HTML 6Page - Renesas Technology Corp MPC9447 Datasheet HTML 7Page - Renesas Technology Corp MPC9447 Datasheet HTML 8Page - Renesas Technology Corp MPC9447 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REVISION 9 3/15/16
2
©2016 Integrated Device Technology, Inc.
MPC9447 DATA SHEET
Figure 1. Logic Diagram
Figure 2. 32-Lead Pinout (Top View)
0
1
CCLK0
CCLK1
CLK_SEL
CLK_STOP
OE
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
VCC
VCC
25k
VCC
25k
VCC
CLK
Stop
SYNC
(All input resistors have a value of 25 k
)
GND
Q2
VCC
Q1
GND
Q0
VCC
GND
Q6
VCC
Q7
GND
Q8
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12
3
4
5
6
78
24
23
22
21
20
19
18
17
16
MPC9447
GND
VCC
GND
Table 1. Function Table
Control
Default
0
1
CLK_SEL
1
CLK0 input selected
CLK1 input selected
OE
1
Outputs disabled (high-impedance state)(1)
1. OE = 0 will high-impedance tristate all outputs independent on CLK_STOP.
Outputs enabled
CLK_STOP
1
Outputs synchronously stopped in logic low state
Outputs active
Table 2. Pin Configurations
Pin
I/O
Type
Function
CCLK0
Input
LVCMOS
Clock Signal Input
CCLK1
Input
LVCMOS
Alternative Clock Signal Input
CLK_SEL
Input
LVCMOS
Clock Input Select
CLK_STOP
Input
LVCMOS
Clock Output Enable/Disable
OE
Input
LVCMOS
Output Enable/Disable (high-impedance tristate)
Q0–8
Output
LVCMOS
Clock Outputs
GND
Supply
Ground
Negative Power Supply (GND)
VCC
Supply
VCC
Positive power supply for I/O and core. All VCC pins must be connected to the
positive power supply for correct operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com