Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9447 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # MPC9447
Description  3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9447 Datasheet(HTML) 1 Page - Renesas Technology Corp

  MPC9447 Datasheet HTML 1Page - Renesas Technology Corp MPC9447 Datasheet HTML 2Page - Renesas Technology Corp MPC9447 Datasheet HTML 3Page - Renesas Technology Corp MPC9447 Datasheet HTML 4Page - Renesas Technology Corp MPC9447 Datasheet HTML 5Page - Renesas Technology Corp MPC9447 Datasheet HTML 6Page - Renesas Technology Corp MPC9447 Datasheet HTML 7Page - Renesas Technology Corp MPC9447 Datasheet HTML 8Page - Renesas Technology Corp MPC9447 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
3.3V, 2.5V, 1:9 LVCMOS Clock Fanout
Buffer
MPC9447
MPC9447 REVISION 9 3/15/16
1
©2016 Integrated Device Technology, Inc.
The Freescale Semiconductor, Inc. MPC9447 is a 3.3 V or 2.5 V compatible, 1:9 clock
fanout buffer targeted for high performance clock tree applications. With output frequencies up
to 350 MHz and output skews less than 150 ps, the device meets the needs of most demanding
clock applications.
Features
•
9 LVCMOS Compatible Clock Outputs
•
2 Selectable, LVCMOS Compatible Inputs
•
Maximum Clock Frequency of 350 MHz
•
Maximum Clock Skew of 150 ps
•
Synchronous Output Stop in Logic Low State Eliminates Output Runt Pulses
•
High-Impedance Output Control
•
3.3 V or 2.5 V Power Supply
•
Drives up to 18 Series Terminated Clock Lines
•
Ambient Temperature Range -40
C to +85C
•
32-Lead LQFP Packaging, Pb-free
•
Supports Clock Distribution in Networking, Telecommunications, and Computer
Applications
•
Pin and Function Compatible to MPC947
•
For drop in replacement use 83947AYILN
Functional Description
MPC9447 is specifically designed to distribute LVCMOS compatible clock signals up to a frequency of 350 MHz. Each output provides a
precise copy of the input signal with a near zero skew. The outputs buffers support driving of 50
 terminated transmission lines on the incident
edge. Each is capable of driving either one parallel terminated or two series terminated transmission lines.
Two selectable independent LVCMOS compatible clock inputs are available, providing support of redundant clock source systems. The
MPC9447 CLK_STOP control is synchronous to the falling edge of the input clock. It allows the start and stop of the output clock signal only
in a logic low state, and thus, eliminates potential output runt pulses. Applying the OE control will force the outputs into high-impedance mode.
All inputs have an internal pull-up or pull-down resistor preventing unused and open inputs from floating. The device supports a 2.5 V or 3.3
V power supply and an ambient temperature range of -40
C to +85C. The MPC9447 is pin and function compatible but performance-enhanced
to the MPC947.
AC SUFFIX
32-LEAD LQFP PACKAGE
Pb-FREE PACKAGE
CASE 873A-03
LOW VOLTAGE
3.3 V/2.5 V LVCMOS 1:9
CLOCK FANOUT BUFFER
PRODUCT DISCONTINUATION NOTICE - LAST TIME BUY EXPIRES SEPTEMBER 7, 2016


Similar Part No. - MPC9447

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9447 MOTOROLA-MPC9447 Datasheet
231Kb / 12P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9447 IDT-MPC9447 Datasheet
379Kb / 9P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Motorola, Inc
MPC9447D MOTOROLA-MPC9447D Datasheet
231Kb / 12P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Integrated Circuit Solu...
MPC9447FA ICSI-MPC9447FA Datasheet
305Kb / 11P
9 LVCMOS Compatible Clock Outputs
More results

Similar Description - MPC9447

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
MPC9447 MOTOROLA-MPC9447 Datasheet
231Kb / 12P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Alliance Semiconductor ...
ASM2I99447 ALSC-ASM2I99447 Datasheet
565Kb / 14P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9447 IDT-MPC9447 Datasheet
379Kb / 9P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
PCS2I99447 PULSECORE-PCS2I99447 Datasheet
567Kb / 14P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8180A AKM-AK8180A Datasheet
580Kb / 12P
2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8180B AKM-AK8180B Datasheet
669Kb / 12P
2.5V, 3.3V LVCMOS 1:9 Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com