Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9447D Datasheet (PDF) - Motorola, Inc

MPC9447D Datasheet PDF - Motorola, Inc
Part # MPC9447D
Download  MPC9447D Download
File Size   231.19 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer

MPC9447D Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9447D Datasheet PDF - Motorola, Inc

Part # MPC9447D
Download  MPC9447D Click to download

File Size   231.19 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer

MPC9447D Datasheet (HTML) - Motorola, Inc


MPC9447D Product details

The MPC9447 is a 3.3V or 2.5V compatible, 1:9 clock fanout buffer targeted for high performance clock tree applications. With output frequencies up to 350 MHz and output skews less than 150 ps, the device meets the needs of most demanding clock applications.

Features
• 9 LVCMOS Compatible Clock Outputs
• 2 Selectable, LVCMOS Compatible Inputs
• Maximum Clock Frequency of 350 MHz
• Maximum Clock Skew of 150 ps
• Synchronous Output Stop in Logic Low State Eliminates Output Runt Pulses
• High--Impedance Output Control
• 3.3V or 2.5V Power Supply
• Drives up to 18 Series Terminated Clock Lines
• Ambient Temperature Range --40_C to +85_C
• 32 Lead LQFP Packaging
• Supports Clock Distribution in Networking, Telecommunications, and Computer Applications
• Pin and Function Compatible to MPC947




Similar Part No. - MPC9447D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MPC9447 IDT-MPC9447 Datasheet
379Kb / 9P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9447 RENESAS-MPC9447 Datasheet
325Kb / 12P
3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
2019
logo
Integrated Circuit Solu...
MPC9447FA ICSI-MPC9447FA Datasheet
305Kb / 11P
9 LVCMOS Compatible Clock Outputs
More results


Similar Description - MPC9447D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
logo
Alliance Semiconductor ...
ASM2I99447 ALSC-ASM2I99447 Datasheet
565Kb / 14P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9447 IDT-MPC9447 Datasheet
379Kb / 9P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
PCS2I99447 PULSECORE-PCS2I99447 Datasheet
567Kb / 14P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8180A AKM-AK8180A Datasheet
580Kb / 12P
2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8180B AKM-AK8180B Datasheet
669Kb / 12P
2.5V, 3.3V LVCMOS 1:9 Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
MPC9447 RENESAS-MPC9447 Datasheet
325Kb / 12P
3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
2019
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com