Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9447 Datasheet (PDF) - Integrated Device Technology

MPC9447 Datasheet PDF - Integrated Device Technology
Part # MPC9447
Download  MPC9447 Download
File Size   379.48 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer

MPC9447 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9447 Datasheet PDF - Integrated Device Technology

Part # MPC9447
Download  MPC9447 Click to download

File Size   379.48 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer

MPC9447 Datasheet (HTML) - Integrated Device Technology


MPC9447 Product details

The MPC9447 is a 3.3V or 2.5V compatible, 1:9 clock fanout buffer targeted for high performance clock tree applications. With output frequencies up to 350 MHz and output skews less than 150 ps, the device meets the needs of most demanding clock applications.

Features
• 9 LVCMOS Compatible Clock Outputs
• 2 Selectable, LVCMOS Compatible Inputs
• Maximum Clock Frequency of 350 MHz
• Maximum Clock Skew of 150 ps
• Synchronous Output Stop in Logic Low State Eliminates Output Runt Pulses
• High--Impedance Output Control
• 3.3V or 2.5V Power Supply
• Drives up to 18 Series Terminated Clock Lines
• Ambient Temperature Range --40_C to +85_C
• 32 Lead LQFP Packaging
• Supports Clock Distribution in Networking, Telecommunications, and Computer Applications
• Pin and Function Compatible to MPC947




Similar Part No. - MPC9447

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9447 MOTOROLA-MPC9447 Datasheet
231Kb / 12P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9447 RENESAS-MPC9447 Datasheet
325Kb / 12P
3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
2019
logo
Motorola, Inc
MPC9447D MOTOROLA-MPC9447D Datasheet
231Kb / 12P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Integrated Circuit Solu...
MPC9447FA ICSI-MPC9447FA Datasheet
305Kb / 11P
9 LVCMOS Compatible Clock Outputs
More results


Similar Description - MPC9447

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
MPC9447 MOTOROLA-MPC9447 Datasheet
231Kb / 12P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Alliance Semiconductor ...
ASM2I99447 ALSC-ASM2I99447 Datasheet
565Kb / 14P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
PCS2I99447 PULSECORE-PCS2I99447 Datasheet
567Kb / 14P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8180A AKM-AK8180A Datasheet
580Kb / 12P
2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8180B AKM-AK8180B Datasheet
669Kb / 12P
2.5V, 3.3V LVCMOS 1:9 Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
MPC9447 RENESAS-MPC9447 Datasheet
325Kb / 12P
3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com