Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9447 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # MPC9447
Description  3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC9447 Datasheet(HTML) 4 Page - Integrated Device Technology

  MPC9447 Datasheet HTML 1Page - Integrated Device Technology MPC9447 Datasheet HTML 2Page - Integrated Device Technology MPC9447 Datasheet HTML 3Page - Integrated Device Technology MPC9447 Datasheet HTML 4Page - Integrated Device Technology MPC9447 Datasheet HTML 5Page - Integrated Device Technology MPC9447 Datasheet HTML 6Page - Integrated Device Technology MPC9447 Datasheet HTML 7Page - Integrated Device Technology MPC9447 Datasheet HTML 8Page - Integrated Device Technology MPC9447 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MPC9447
MOTOROLA
TIMING SOLUTIONS
4
Table 7. DC Characteristics (VCC =2.5V ± 5%, TA =--40°Cto+85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input High Voltage
1.7
VCC +0.3
V
LVCMOS
VIL
Input Low Voltage
-0.3
0.7
V
LVCMOS
VOH
Output High Voltage
1.8
V
IOH =-15 mAa
VOL
Output Low Voltage
0.6
V
IOL =15mA
ZOUT
Output Impedance
19
Ω
IIN
Input Currentb
±300
µA
VIN =VCC or GND
ICCQ
Maximum Quiescent Supply Currentc
2.0
mA
All VCC Pins
a. The MPC9447 is capable of driving 50Ω transmission lines on the incident edge. Each output drives one 50Ω parallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives one 50Ω series terminated transmission lines per output
(VCC=2.5V).
b. Inputs have pull-down or pull-up resistors affecting the input current.
c. ICCQ is the DC current consumption of the device with all outputs open and the input in its default state or open.
Table 8. AC Characteristics (VCC =2.5V ± 5%, TA = --40°Cto+85°C)a
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input Frequency
0
350
MHz
fmax
Output frequency
0
350
MHz
fP,REF
Reference Input Pulse Width
1.4
ns
tr,tf
CCLK0, CCLK1 Input Rise/Fall Time
1.0b
ns
0.7to1.7V
tPLH/HL
Propagation Delay
CCLK0 or CCLK1 to any Q
1.7
4.4
ns
tPLZ, HZ
Output Disable Time
11
ns
tPZL, ZH
Output Enable Time
11
ns
tS
Setup Time
CCLK0 or CCLK1 to CLK_STOPc
0.0
ns
tH
Hold Time
CCLK0 or CCLK1 to CLK_STOPc
1.0
ns
tsk(O)
Output-to-Output Skew
150
ps
tsk(PP)
Device-to-Device Skew
2.7
ns
tSK(P)
DCQ
Ouput Pulse Skewd
Output Duty Cycle
fQ<350 MHz
45
50
200
55
ps
%
DCREF = 50%
tr,tf
Output Rise/Fall Time
0.1
1.0
ns
0.6to1.8V
tJIT(CC)
Cycle-to-cycle jitter
RMS (1 σ)
TBD
ps
a. AC characteristics apply for parallel output termination of 50Ω to VTT.
b. Violation of the 1.0 ns maximum input rise and fall time limit will affect the device propagation delay, device-to-device skew, reference input
pulse width, output duty cycle and maximum frequency specifications.
c. Setup and hold times are referenced to the falling edge of the selected clock signal input.
d. Output pulse skew is the absolute difference of the propagation delay times: | tPLH -tPHL |.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
MPC9447
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
NETCOM
IDT™ 3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MPC9447
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com