Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9443 Datasheet (PDF) - Renesas Technology Corp

MPC9443 Datasheet PDF - Renesas Technology Corp
Part # MPC9443
Download  MPC9443 Download
File Size   469.46 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V, 3.3V LVCMOS Clock Fanout Buffer

MPC9443 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9443 Datasheet PDF - Renesas Technology Corp

Part # MPC9443
Download  MPC9443 Click to download

File Size   469.46 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V, 3.3V LVCMOS Clock Fanout Buffer

MPC9443 Datasheet (HTML) - Renesas Technology Corp


MPC9443 Product details

The Freescale Semiconductor, Inc. MPC9443 is a 2.5 V and 3.3 V compatible 1:16
clock distribution buffer designed for low-voltage high-performance telecom, networking
and computing applications. The device supports 3.3 V, 2.5 V and dual supply voltage
(mixed-voltage) applications. The MPC9443 offers 16 low-skew outputs which are divided
into 4 individually configurable banks. Each output bank can be individually supplied by
2.5 V or 3.3 V, individually set to run at 1X or 1/2X of the input clock frequency or be
disabled (logic low output state). Two selectable LVPECL compatible inputs support
differential clock distribution systems. In addition, one selectable LVCMOS input is
provided for LVCMOS clock distribution systems. The MPC9443 is specified for the
extended temperature range of –40 to +85°C.
Features
• Configurable 16 outputs LVCMOS clock distribution buffer
• Compatible to single, dual and mixed 3.3 V / 2.5 V voltage supply
• Output clock frequency up to 350 MHz
• Designed for high-performance telecom, networking and computer applications
• Supports applications requiring clock redundancy
• Maximum output skew of 250 ps (125 ps within one bank)
• Selectable output configurations per output bank
• Individually per-bank high-impedance tristate
• Output disable (stop in logic low state) control
• 48-lead LQFP package, Pb-free
• Ambient operating temperature range of –40 to 85°C
• For functional replacement part use 87016i




Similar Part No. - MPC9443

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9443 MOTOROLA-MPC9443 Datasheet
333Kb / 16P
2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
More results


Similar Description - MPC9443

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
MPC9446 MOTOROLA-MPC9446 Datasheet
217Kb / 12P
2.5V and 3.3V LVCMOS Clock Fanout Buffer
MPC9443 MOTOROLA-MPC9443 Datasheet
333Kb / 16P
2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Freescale Semiconductor...
MPC9456 FREESCALE-MPC9456 Datasheet
292Kb / 12P
2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
logo
Integrated Device Techn...
MPC9446 IDT-MPC9446 Datasheet
708Kb / 11P
3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9446AC IDT-MPC9446AC Datasheet
376Kb / 12P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9446 RENESAS-MPC9446 Datasheet
363Kb / 13P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
2019
MPC9447 RENESAS-MPC9447 Datasheet
325Kb / 12P
3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com