Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9446 Datasheet (PDF) - Integrated Device Technology

MPC9446 Datasheet PDF - Integrated Device Technology
Part # MPC9446
Download  MPC9446 Download
File Size   708.06 Kbytes
Page   11 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER

MPC9446 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9446 Datasheet PDF - Integrated Device Technology

Part # MPC9446
Download  MPC9446 Click to download

File Size   708.06 Kbytes
Page   11 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER

MPC9446 Datasheet (HTML) - Integrated Device Technology


MPC9446 Product details

LOW VOLTAGE SINGLE OR DUAL SUPPLY 2.5 V AND 3.3 V LVCMOS CLOCK DISTRIBUTION BUFFER



The MPC9446 is a 2.5 V and 3.3 V compatible 1:10 clock distribution buffer designed for low-voltage mid-range to high-performance telecom, networking and computing applications. Both 3.3 V, 2.5 V and dual supply voltages are supported for mixed-voltage applications. The MPC9446 offers 10 low-skew outputs and 2 selectable inputs for clock redundancy. The outputs are configurable and support 1:1 and 1:2 output to input frequency ratios. The MPC9446 is specified for the extended temperature range of –40°C to 85°C.



Features

• Configurable 10 outputs LVCMOS clock distribution buffer

• Compatible to single, dual and mixed 3.3 V/2.5 V voltage supply

• Wide range output clock frequency up to 250 MHz

• Designed for mid-range to high-performance telecom, networking and computer applications

• Supports applications requiring clock redundancy

• Maximum output skew of 200 ps (150 ps within one bank)

• Selectable output configurations per output bank

• Tristable outputs

• 32-lead LQFP package, Pb-free

• Ambient operating temperature range of –40°C to 85°C



 




Similar Part No. - MPC9446

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9446 MOTOROLA-MPC9446 Datasheet
217Kb / 12P
2.5V and 3.3V LVCMOS Clock Fanout Buffer
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9446 RENESAS-MPC9446 Datasheet
363Kb / 13P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
2019
logo
Integrated Device Techn...
MPC9446AC IDT-MPC9446AC Datasheet
376Kb / 12P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
MPC9446ACR2 IDT-MPC9446ACR2 Datasheet
376Kb / 12P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
More results


Similar Description - MPC9446

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
MPC9446 MOTOROLA-MPC9446 Datasheet
217Kb / 12P
2.5V and 3.3V LVCMOS Clock Fanout Buffer
MPC9443 MOTOROLA-MPC9443 Datasheet
333Kb / 16P
2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Freescale Semiconductor...
MPC9456 FREESCALE-MPC9456 Datasheet
292Kb / 12P
2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9446AC IDT-MPC9446AC Datasheet
376Kb / 12P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
MPC9446 RENESAS-MPC9446 Datasheet
363Kb / 13P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
2019
MPC9447 RENESAS-MPC9447 Datasheet
325Kb / 12P
3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com