Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9447D Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC9447D
Description  3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9447D Datasheet(HTML) 3 Page - Motorola, Inc

  MPC9447D Datasheet HTML 1Page - Motorola, Inc MPC9447D Datasheet HTML 2Page - Motorola, Inc MPC9447D Datasheet HTML 3Page - Motorola, Inc MPC9447D Datasheet HTML 4Page - Motorola, Inc MPC9447D Datasheet HTML 5Page - Motorola, Inc MPC9447D Datasheet HTML 6Page - Motorola, Inc MPC9447D Datasheet HTML 7Page - Motorola, Inc MPC9447D Datasheet HTML 8Page - Motorola, Inc MPC9447D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MPC9447
TIMING SOLUTIONS
3
MOTOROLA
Table 4. Absolute Maximum Ratingsa
Symbol
Characteristics
Min
Max
Unit
Condition
VCC
Supply Voltage
-0.3
3.9
V
VIN
DC Input Voltage
-0.3
VCC +0.3
V
VOUT
DC Output Voltage
-0.3
VCC +0.3
V
IIN
DC Input Current
±20
mA
IOUT
DC Output Current
±50
mA
TS
Storage temperature
-65
125
°C
a. Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these
conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-maximum-rated
conditions is not implied.
Table 5. DC Characteristics (VCC =3.3V ± 5%, TA =40°Cto+85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input High Voltage
2.0
VCC +0.3
V
LVCMOS
VIL
Input Low Voltage
--0.3
0.8
V
LVCMOS
VOH
Output High Voltage
2.4
V
IOH =-24 mAa
VOL
Output Low Voltage
0.55
0.30
V
V
IOL =24mA
IOL =12mA
ZOUT
Output Impedance
17
Ω
IIN
Input Currentb
±300
µA
VIN =VCC or GND
ICCQ
Maximum Quiescent Supply Currentc
2.0
mA
All VCC Pins
a. The MPC9447 is capable of driving 50Ω transmission lines on the incident edge. Each output drives one 50Ω parallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives up to two 50Ω series terminated transmission lines (for
VCC=3.3V).
b. Inputs have pull-down or pull-up resistors affecting the input current.
c. ICCQ is the DC current consumption of the device with all outputs open and the input in its default state or open.
Table 6. AC Characteristics (VCC =3.3V ± 5%, TA =--40°Cto+85°C)a
Symbol
5Characteristics
Min
Typ
Max
Unit
Condition
fref
Input Frequency
0
350
MHz
fmax
Output Frequency
0
350
MHz
fP,REF
Reference Input Pulse Width
1.4
ns
tr,tf
CCLK0, CCLK1 Input Rise/Fall Time
1.0b
ns
0.8to2.0V
tPLH/HL
Propagation Delay
CCLK0 or CCLK1 to any Q
1.3
3.3
ns
tPLZ, HZ
Output Disable Time
11
ns
tPZL, ZH
Output Enable Time
11
ns
tS
Setup Time
CCLK0 or CCLK1 to CLK_STOPc
0.0
ns
tH
Hold Time
CCLK0 or CCLK1 to CLK_STOPc
1.0
ns
tsk(O)
Output-to-Output Skew
150
ps
tsk(PP)
Device-to-Device Skew
2.0
ns
tSK(P)
DCQ
Output Pulse Skewd
Output Duty Cycle
fQ<170 MHz
45
50
300
55
ps
%
DCREF = 50%
tr,tf
Output Rise/Fall Time
0.1
1.0
ns
0.55 to 2.4V
tJIT(CC)
Cycle-to-cycle jitter
RMS (1 σ)
TBD
ps
a. AC characteristics apply for parallel output termination of 50Ω to VTT.
b. Violation of the 1.0 ns maximum input rise and fall time limit will affect the device propagation delay, device-to-device skew, reference input
pulse width, output duty cycle and maximum frequency specifications.
c. Setup and hold times are referenced to the falling edge of the selected clock signal input.
d. Output pulse skew is the absolute difference of the propagation delay times: | tPLH -tPHL |.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com