Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM705ESAF Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM705ESAF
Description  Low Power uP Supervisor Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM705ESAF Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM705ESAF Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM705ESAF Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM705ESAF Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM705ESAF Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM705ESAF Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM705ESAF Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM705ESAF Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM705ESAF Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM705ESAF Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5 of 16
Notice: The information in this document is subject to change without notice
Low Power µP Supervisor Circuits
ASM705 / 706 / 707 / 708
ASM813L
rev 1.5
February 2005
transitions at WDI will reset the watchdog timer and initiate a
new countdown sequence.
WDO will also become LOW and remain so, whenever the
supply voltage, VCC , falls below the device threshold level.
WDO goes HIGH as soon as VCC transitions above the
threshold. There is no minimum pulse width for WDO as
there is for the RESET outputs. If WDI is floated, WDO
essentially acts as a low-power output indicator.
Application Information
Ensuring That RESET is Valid Down to VCC = 0V
When VCC falls below 1.1V, the ASM705-708 RESET output
no longer pulls down; it becomes indeterminate. To avoid the
possibility that stray charges build up and force RESET to the
wrong state, a pull-down resistor should be connected to the
RESET pin, thus draining such charges to ground and
holding RESET low. The resistor value is not critical. A 100k
resistor will pull RESET to ground without loading it.
Bi-directional Reset Pin Interfacing
The ASM705/6/7/8 can interface with µP/µC bi-directional
reset pins by connecting a 4.7k
Ω resistor in series with the
RESET output and the µP/µC bi-directional RESET pin.
Monitoring Voltages Other Than VCC
The ASM705-708 can monitor voltages other than VCC using
the Power Fail circuitry. If a resistive divider is connected
from the voltage to be monitored to the Power Fail input
(PFI), the PFO will go LOW if the voltage at PFI goes below
1.25V reference. Should hysteresis be desired, connect a
resistor (equal to approximately 10 times the sum of the two
resistors in the divider) between the PFI and PFO pins. A
capacitor between PFI and GND will reduce circuit sensitivity
to input high-frequency noise. If it is desired to assert a
RESET for voltages other than VCC then the PFO output is to
be connected to the MR.
Supply Voltage
BUF
Buffered
RESET
VCC
ASM70x
GND
GND
RESET
RESET
Input
µC or µP
4.7kΩ
Bi-directional I/O Pin
Figure 3: Bi-directional Reset Pin Interfacing
VCC
PFI
MR
PFO
VIN
R1
R2
ASM70x
RESET
GND
+5V
To
µP
Figure 4: Monitoring +5V and an additional supply VIN
WDI
WDO
RESET
RESET
Figure 2: Watchdog Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com