Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM705ESAF Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # ASM705ESAF
Description  Low Power uP Supervisor Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM705ESAF Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button ASM705ESAF Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM705ESAF Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM705ESAF Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM705ESAF Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM705ESAF Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM705ESAF Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM705ESAF Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM705ESAF Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM705ESAF Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ASM705 / 706 / 707 / 708
8 of 16
Notice: The information in this document is subject to change without notice
Low Power µP Supervisor Circuits
ASM813L
rev 1.5
February 2005
Electrical Characteristics
Unless otherwise noted, specifications are over the operating temperature range and VCC supply voltages are 2.7V to 5.5V (ASM706P,
ASM708R), 3.0 V to 5.5V (ASM706/708S), 3.15V to 5.5V (ASM706/708T) and 4.1V to 5.5.V (ASM706/708J)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating Voltage
Range
VCC
ASM705/6/7/8C
1.2
5.5
V
ASM813L
1.1
5.5
ASM705/6/7/8E, ASM813E
1.2
5.5
Supply Current
ICC
ASM705/706C/813LC
75
140
µA
ASM705E/706E/813LE
75
140
ASM707C/708C
50
140
ASM707E/708E
50
140
RESET Threshold
VRT
ASM705/707/813L, Note 1
4.50
4.65
4.75
V
ASM706/708 Note 1
4.25
4.40
4.50
RESET Threshold
Hysteresis
Note 1
40
mV
RESET Pulse Width
tRS
Note 1
140
200
280
ms
MR Pulse Width
tMR
0.15
µs
MR to RESET Out
Delay
tMD
Note 1
0.25
µs
MR Input Threshold
VIH
2.0
V
VIL
0.8
MR Pullup current
MR = 0V
100
250
600
µA
RESET Output Voltage
ISOURCE = 800µA
VCC - 1.5
V
ISINK = 3.2mA
0.4
ASM705/6/7/8, VCC = 1.2V, ISINK = 100µA
0.3
RESET Output Voltage
ASM707/8/813L, ISOURCE = 800µA
VCC-1.5
V
ASM707/8, ISINK = 1.2mA
0.4
ASM813L, ISINK =3.2mA
0.4
ASM813L, VCC = 1.2V, ISOURCE = 4µA
0.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com