Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54210 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # 54210
Description  Low Voltage Tungsten Halogen Lamps with Reflector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

54210 Datasheet(HTML) 1 Page - OSRAM GmbH

  54210 Datasheet HTML 1Page - OSRAM GmbH 54210 Datasheet HTML 2Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FO171
Product Information Bulletin
EFR
EFR-5/X
Low Voltage Tungsten Halogen Lamps
with Reflector
•
MR16 dichroic coated reflector
•
T3.15 quartz capsule
•
50 hour standard life
•
500 hour (5) long life version
•
Xenon fill gas technology
Applications
•
Projector – 8mm
•
Fiber-Optic Source
•
Night Club /
Entertainment
WARNING
This lamp emits a high level of UV radiation
and operates at high pressure. Before use,
read the complete warning accompanying
the product.
Disposal
When disposing of spent lamps, always
consult federal, state, local and
provincial hazardous waste disposal
rules and regulations to ensure proper
disposal.
Lamp Ordering Abbreviation Code:
EFR
EFR-5/X
Electrical data:
Rated lamp wattage
W
150
150
Rated lamp voltage
V
15
15
Geometrical data:
Lamp length L
mm
max. 42
max. 42
Distance a
mm
32
32
Diameter d
mm
51
51
Other data:
Average service life
Hrs
50
500
Base
GZ6.35 Bipin
GZ6.35 Bipin
Lamp operation:
Operating position
p 90/15
p 90/15
Application Information
Specification Information


Similar Part No. - 54210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5421 ETC1-5421 Datasheet
51Kb / 1P
DUAL 4-INPUT POSITIVE AND GATE
logo
3M Electronics
5421 3M-5421 Datasheet
172Kb / 2P
UHMW Polyethylene Tape
logo
Heyco.
5421 HEYCO-5421 Datasheet
380Kb / 2P
Full Thickness Male Blades
logo
Schurter Inc.
5421.1051101 SCHURTER-5421.1051101 Datasheet
712Kb / 4P
IEC Appliance Inlet C14 Modular Assembling Options
5421.1051121 SCHURTER-5421.1051121 Datasheet
712Kb / 4P
IEC Appliance Inlet C14 Modular Assembling Options
More results

Similar Description - 54210

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
54021 GILWAY-54021 Datasheet
30Kb / 2P
20 watt, tungsten halogen low voltage without reflector
54232 GILWAY-54232 Datasheet
36Kb / 2P
75 watt, tungsten halogen, low to medium voltage with reflector.
54409 GILWAY-54409 Datasheet
46Kb / 2P
150 watt, tungsten halogen, low to medium voltage with reflector
54411 GILWAY-54411 Datasheet
45Kb / 2P
150 watt, tungsten halogen, low to medium voltage with reflector
54730 GILWAY-54730 Datasheet
46Kb / 2P
200 watt, tungsten halogen, low to medium voltage with reflector
54737 GILWAY-54737 Datasheet
46Kb / 2P
80 watt, tungsten halogen, low to medium voltage with reflector
54840 GILWAY-54840 Datasheet
35Kb / 2P
250 watt, tungsten halogen, low to medium voltage with reflector
58786 GILWAY-58786 Datasheet
37Kb / 2P
50 watt, tungsten halogen, low to medium voltage with reflector
logo
OSRAM GmbH
FO106 OSRAM-FO106 Datasheet
122Kb / 2P
Low Voltage Tungsten Halogen Lamps with Reflector
FO153 OSRAM-FO153 Datasheet
120Kb / 2P
Low Voltage Tungsten Halogen Lamps with Reflector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com