Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54210 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # 54210
Description  Low Voltage Tungsten Halogen Lamps with Reflector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

54210 Datasheet(HTML) 2 Page - OSRAM GmbH

  54210 Datasheet HTML 1Page - OSRAM GmbH 54210 Datasheet HTML 2Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
06/2003
For Orders and General Information:
In The United States:
OSRAM SYLVANIA
National Customer
Support Center
18725 N. Union Street
Westfield, IN 46074
www.sylvania.com
Photo-Optic
Phone: 1-888-677-2627
Phone: 1-888-OSRAMCS
Fax: 1-800-762-7192
Special Markets
Phone: 1-800-762-7191
Fax: 1-800-762-7192
Industrial and Commercial
Phone: 1-800-255-5042
Fax: 1-800-255-5043
In Canada:
OSRAM SYLVANIA LTD.
Headquarters
2001 Drew Road
Mississauga, ON L5S 1S4
www.sylvania.com
Special Markets
Phone: 1-800-265-2852
Fax: 1-800-667-6772
Industrial and Commercial
Phone: 1-800-263-2852
Fax: 1-800-667-6772
In Mexico:
OSRAM DE MEXICO, S.A. DE C.V.
Camino a Tepalcapa No. 8
Col. San Martin 54900
Tultitlan/Edo. De Mexico
Phone: 525-899-1800
Fax: 525-899-1902
www.osram.com.mx
Lamp
NAED
Standard
Description
Code
Case Quantity
EFR
54210
20/case
EFR-5/X
54211
20/case
In North America OSRAM brand lighting
products are sold by OSRAM SYLVANIA
Ordering Information



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com