Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2180A Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # ASM3P2180A
Description  Peak Reducing EMI Solution
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2180A Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  ASM3P2180A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2180A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2180A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2180A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2180A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2180A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2180A Datasheet HTML 7Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Peak Reducing EMI Solution
2 of 7
September 2004
ASM3P2180A
rev 1.0
Notice: The information in this document is subject to change without notice.
Pin Diagram
Modulation Width Selection
SS%
Output
0
FIN
≥ FOUT ≥ FIN – 1.25%
1
FIN
≥ FOUT ≥ FIN – 2.4%
Frequency Range Selection
FS1
Modulation Rate
0
6
≤ FIN ≤10
1
18
≤ FIN ≤ 30
Pin Description
Pin#
Pin Name
Type
Description
1
CLKIN / X1
I
Crystal connection or external reference frequency input. This pin has
dual functions. It can be connected to either an external crystal or an
external reference clock.
2
NC / X2
O
Crystal connection. Connection for an external crystal. If using an
external reference, this pin must be left unconnected.
3
GND
P
Ground to entire chip.
4
SS%
I
Modulation width selection. When spread spectrum feature is turned
on, this pin is used to select the amount of variation and peak EMI
reduction that is desired on the output signal. Internal pull-up resistor.
5
CLKOUT
O
Output modulated frequency. Copy of the un-modulated input clock.
6
VDD
P
Power supply for the entire chip (3.3V).
7
FS1
I
Frequency selection bit 1. This pin selects the frequency range of
operation. (Refer to the Frequency Range Selection Table). This pin
has an internal pull-up resistor.
8
NC
-
No connect.
CLKOUT
NC
VDD
FS1
1
2
3
4
5
6
7
8
CLKIN / X1
NC / X2
GND
SS%
ASM3P2180A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com