Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2180A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM3P2180A
Description  Peak Reducing EMI Solution
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2180A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM3P2180A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2180A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2180A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2180A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2180A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2180A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2180A Datasheet HTML 7Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Alliance Semiconductor
2595, Augustine Drive
• Santa Clara • CA 95054 • Tel 408 855 4900 • Fax 408 855 4999 • www.alsc.com
September 2004
ASM3P2180A
rev 1.0
Notice: The information in this document is subject to change without notice.
Peak Reducing EMI Solution
Features
• Generates an EMI optimized clocking
signal at the output.
• Selectable output frequency range.
• Single 1.25% or 2.4% down spread
output.
• Integrated loop filter components.
• Operates with a 3.3V supply.
• Low-power CMOS design.
• Available in 8-pin SOIC and 8-pin
TSSOP packages.
Product Description
The ASM3P2180A is a versatile Spread
Spectrum
frequency
modulator
designed
specifically
for
a
wide
range
of
clock
frequencies.
The
ASM3P2180A
reduces
electromagnetic interference (EMI) at the clock
source, allowing system wide reduction of EMI
of down stream clock and data dependent
signals. The ASM3P2180A allows significant
system cost savings by reducing the number of
circuit board layers and shielding that are
traditionally required to pass EMI regulations.
The ASM3P2180A modulates the output of a
single PLL in order to “spread” the bandwidth of
a synthesized clock, thereby decreasing the
peak amplitudes of its harmonics. This results in
significantly lower system EMI compared to the
typical
narrow
band
signal
produced
by
oscillators and most clock generators. Lowering
EMI by increasing a signal’s bandwidth is called
spread spectrum clock generation.
The ASM3P2180A uses the most efficient and
optimized modulation profile approved by the
FCC and is implemented by using a proprietary
all-digital method.
Applications
The ASM3P2180A is targeted towards notebook
LCD displays, other displays using an LVDS
interface, PC peripheral devices and embedded
systems.
Key Specifications
Description
Specification
Supply voltages
VDD = 3.3V ± 5%
FS1=0
6 MHz
≤ Fin ≤10 MHz
Frequency
range
FS1=1
18 MHz
≤ Fin ≤ 30 MHz
Cycle-to-cycle jitter
325 pS (max)
Selectable spread percentage
-1.25% or –2.4%
Output duty cycle
45/55% (worst case)
Output rise and fall time
5ns (maximum)
Simplified Block Diagram
X1
X2
3.3V
Spread spectrum output
(EMI suppressed)
ASM3P2180A


Similar Part No. - ASM3P2180A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2180A PULSECORE-ASM3P2180A Datasheet
155Kb / 8P
Peak Reducing EMI Solution
logo
ON Semiconductor
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
ASM3P2180AF-08SR PULSECORE-ASM3P2180AF-08SR Datasheet
155Kb / 8P
Peak Reducing EMI Solution
logo
ON Semiconductor
ASM3P2180AF-08SR ONSEMI-ASM3P2180AF-08SR Datasheet
132Kb / 6P
Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2180AF-08SR ONSEMI-ASM3P2180AF-08SR Datasheet
91Kb / 5P
Peak Reducing EMI Solution
July, 2016 ??Rev. 4
More results

Similar Description - ASM3P2180A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
Peak EMI Reducing Solution
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
Peak Reducing EMI Solution
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com