Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2184A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM3P2184A
Description  LCD Panel EMI Reduction IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2184A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM3P2184A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2184A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2184A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2184A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2184A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2184A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2184A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2184A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3P2184A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
November 2003
ASM3P2184A
rev 1.0
Alliance Semiconductor
2575, Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
Notice: The information in this document is subject to change without notice.
LCD Panel EMI Reduction IC
Features
FCC approved method of EMI attenuation.
Provides up to 15dB EMI reduction.
Generates a 1X low EMI spread spectrum clock of
the input frequency.
Input frequency range: 6MHz to 70 MHz.
Internal loop filter minimizes external components
and board space.
Spread option: Center Spread.
2 spread frequency deviation selections:
o
±0.625% or ±1.875%
Low inherent cycle-to-cycle jitter.
3.3V operating voltage range.
Low power CMOS design.
Supports notebook VGA and other LCD timing
controller applications.
Product available for industrial temperature range.
Available in 8-pin SOIC and TSSOP.
Product Description
The ASM3P2184A is a versatile spread spectrum
frequency modulators designed specifically for a wide
range of input clock frequencies from 6MHz to 70MHz.
(Refer Input Frequency and Modulation Rate Table)
. The
ASM3P2184A can generate an EMI reduced clock from
an OSC
or
a system generated
clock. The
ASM3P2184A offers a Center Spread clock
with 2
percentage deviations; ±0.625% and ±1.675%.
The ASM3P2184A reduces electromagnetic interference
(EMI) at the clock source, allowing system wide reduction
of EMI of
down stream clock and data dependent
signals. The ASM3P2184A allows significant system cost
savings by reducing the number of circuit board layers
ferrite beads, shielding and other passive components
that are traditionally required to pass EMI regulations.
The ASM3P2184A uses the most efficient and optimized
modulation profile approved by the FCC and is
implemented in a proprietary all digital method.
The ASM3P2184A modulates the output of a single PLL
in order to “spread” the bandwidth of a synthesized clock,
and more importantly, decreases the peak amplitudes of
its harmonics. This results in significantly lower system
EMI compared to the typical narrow band signal produced
by oscillators and most frequency generators. Lowering
EMI by increasing a signal’s bandwidth is called ‘spread
spectrum clock generation’.
Applications
The ASM3P2184A is targeted towards EMI management
for memory and LVDS interfaces in mobile graphic
chipsets and high-speed digital applications such as PC
peripheral devices, consumer electronics, and embedded
controller systems.


Similar Part No. - ASM3P2184A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2180A ALSC-ASM3P2180A Datasheet
202Kb / 7P
Peak Reducing EMI Solution
logo
PulseCore Semiconductor
ASM3P2180A PULSECORE-ASM3P2180A Datasheet
155Kb / 8P
Peak Reducing EMI Solution
logo
ON Semiconductor
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2180A-08SR ALSC-ASM3P2180A-08SR Datasheet
202Kb / 7P
Peak Reducing EMI Solution
ASM3P2180A-08ST ALSC-ASM3P2180A-08ST Datasheet
202Kb / 7P
Peak Reducing EMI Solution
More results

Similar Description - ASM3P2184A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2042A ALSC-P2042A Datasheet
353Kb / 8P
LCD Panel EMI Reduction IC
ASM3P2182A ALSC-ASM3P2182A Datasheet
392Kb / 7P
LCD Panel EMI Reduction IC
P2040A ALSC-P2040A Datasheet
354Kb / 9P
LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2182A PULSECORE-ASM3P2182A Datasheet
369Kb / 8P
LCD Panel EMI Reduction IC
P2040A PULSECORE-P2040A Datasheet
356Kb / 9P
LCD Panel EMI Reduction IC
P2040B PULSECORE-P2040B Datasheet
331Kb / 8P
LCD Panel EMI Reduction IC
P2040C PULSECORE-P2040C Datasheet
160Kb / 9P
LCD Panel EMI Reduction IC
P2042A PULSECORE-P2042A Datasheet
354Kb / 8P
LCD Panel EMI Reduction IC
logo
ON Semiconductor
PCS3P2042B ONSEMI-PCS3P2042B Datasheet
146Kb / 7P
LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 2
P2042A ONSEMI-P2042A Datasheet
76Kb / 5P
LCD Panel EMI Reduction IC
June, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com