Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2190A Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM3P2190A
Description  Peak Reducing EMI Solution
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2190A Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM3P2190A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2190A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2190A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2190A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2190A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2190A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2190A Datasheet HTML 7Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Peak Reducing EMI Solution
3 of 7
November 2003
ASM3P2190A
rev 1.0
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
-0.5 to + 7.0
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
0 to 70
°C
Note: These are stress ratings only and functional operation is not implied. Exposure to absolute
maximum ratings for extended periods may affect device reliability.
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
GND – 0.3
-
0.8
V
VIH
Input high voltage
2.0
-
VDD + 0.3
V
IIL
Input low current (pull-up resistors on inputs SS%,
FS1)
-
-
-27
µA
IIH
Input high current
-
-
18
µA
IXOL
XOUT output low current (@ 0.4V, VDD = 3.3V)
-
3
-
mA
IXOH
XOUT output high current (@2.5V, VDD = 3.3V)
-
4
-
mA
VOL
Output low voltage (VDD = 3.3V, IOL = 4mA)
-
-
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = 4mA)
2.5
-
-
V
ICC
Dynamic supply current normal mode (3.3V and
10pF loading)
8
21
35
mA
IDD
Static supply current standby mode
-
0.8
-
µA
VDD
Operating voltage
2.8
3.3
3.7
V
tON
Power up time (first locked clock cycle after power
up)
-
0.18
-
mS
ZOUT
Clock output impedance
-
50
-
Ω
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN
Input frequency
6
-
30
MHz
CLKOUT
Output frequency
6
-
30
MHz
tLH*
Output rise time (measured at 0.8V to 2.0V)
1.2
1.3
1.4
ns
tHL*
Output fall time (measured at 2.0V to 0.8V)
0.8
0.9
1.0
ns
tJC
Jitter (cycle to cycle)
-
-
325
ps
tD
Output duty cycle
45
50
55
%
*tLH and tHL are measured into a capacitive load of 15pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com