Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2190A Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM3P2190A
Description  Peak Reducing EMI Solution
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2190A Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM3P2190A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2190A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2190A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2190A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2190A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2190A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2190A Datasheet HTML 7Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Peak Reducing EMI Solution
4 of 7
November 2003
ASM3P2190A
rev 1.0
Notice: The information in this document is subject to change without notice.
D
E
H
D
A1
A2
A
θ
L
C
B
e
Package Information:
8-Pin SOIC
Symbol Dimensions in inches
Dimensions in millimeters
Min
Max
Min
Max
A
0.057
0.071
1.45
1.80
A1
0.004
0.010
0.10
0.25
A2
0.053
0.069
1.35
1.75
B
0.012
0.020
0.31
0.51
C
0.004
0.01
0.10
0.25
D
0.186
0.202
4.72
5.12
E
0.148
0.164
3.75
4.15
e
0.050 BSC
1.27 BSC
H
0.224
0.248
5.70
6.30
L
0.012
0.028
0.30
0.70
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com