Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST87XR Datasheet(PDF) 6 Page - Mitsumi Electronics, Corp.

Part # PST87XR
Description  CMOS System Reset IC built-in delay time circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST87XR Datasheet(HTML) 6 Page - Mitsumi Electronics, Corp.

Back Button PST87XR Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST87XR Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST87XR Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST87XR Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST87XR Datasheet HTML 6Page - Mitsumi Electronics, Corp. PST87XR Datasheet HTML 7Page - Mitsumi Electronics, Corp. PST87XR Datasheet HTML 8Page - Mitsumi Electronics, Corp. PST87XR Datasheet HTML 9Page - Mitsumi Electronics, Corp. PST87XR Datasheet HTML 10Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
CMOS System Reset IC built-in delay time circuit PST87XX, 88XX Series
Absolute Maximum Ratings
Item
Symbol
Ratings
Units
Supply voltage
VDD max.
- 0.3~+6
V
Output voltage
RESET
- 0.3~+6
V
Input current (IDD)
IDD
20
mA
Output current
IOUT
20
mA
Power dissipation
PD
150 (Alone) SOT-25A, SC-82
mW
330 (Alone) SSON-4B (note)
Operating temperature
TOPR
- 40~+85
°C
Storage temperature
TSTG
- 65~+150
°C
Recommended Operating Conditions
Item
Symbol
Ratings
Units
Operating temperature
TOPR
- 40~+85
°C
Supply voltage
VDD
1.0~5.5 (Ta=0~+70°C)
V
1.2~5.5 (Ta=-40~+85°C)
Pin Explanations
note : With PC board of glass epoxy. (The tab pin is not connected with PC board.)
PC board size of 110×40×0.8mm
Model name
CMOS output
Open-Drain output
PS T 87
a
b
c
d
e
PS T 8 8
a
b
c
d
e
abcde
TDEL Rank
Manual RESET
VDET Rank
Package Code
Packing Specifications
0
20ms
A
No
160 VDET=1.60V
R
SSON-4B
R
R Housing
1
50ms
R
Yes
N
SOT-25A
L
L Housing
2
100ms
460 VDET=4.60V
U
SC-82
3
200ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com