Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST87XR Datasheet(PDF) 8 Page - Mitsumi Electronics, Corp.

Part # PST87XR
Description  CMOS System Reset IC built-in delay time circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST87XR Datasheet(HTML) 8 Page - Mitsumi Electronics, Corp.

Back Button PST87XR Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST87XR Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST87XR Datasheet HTML 6Page - Mitsumi Electronics, Corp. PST87XR Datasheet HTML 7Page - Mitsumi Electronics, Corp. PST87XR Datasheet HTML 8Page - Mitsumi Electronics, Corp. PST87XR Datasheet HTML 9Page - Mitsumi Electronics, Corp. PST87XR Datasheet HTML 10Page - Mitsumi Electronics, Corp. PST87XR Datasheet HTML 11Page - Mitsumi Electronics, Corp. PST87XR Datasheet HTML 12Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
CMOS System Reset IC built-in delay time circuit PST87XX, 88XX Series
PST88XX
Item
Symbol
Test Condition
Min.
Typ.
Max.
Units
Circuit
Reset Threshold
VTH
Ta=+25°C
VTH−1.5%
VTH
VTH+1.5%
V1
Reset Threshold
Temp. Coefficient
VTH/°C
Ta=-40~+85°C
±50
ppm/°C
1
Reset Threshold Hysteresis
VTH
30
50
100
mV
1
Supply Current
IDD
VDD=VTHTYP/0.85
0.5
1.0
2.0
µA
2
RESET Output Voltage L
VOL
PST88
160N
PST88
350N
VDD=VTH-0.1V
IOL=1.2mA
0.4
V
3
PST88
360N
PST88
460N
VDD=VTH-0.1V
IOL=3.2mA
VDD to Reset Delay
tRD
VDD=(VTH+0.4V) (VTH−0.4V)
4.0
20
µs
4
Reset Active Timeout
Period
tRP
VDD=(VTH−0.4V) (VTH+0.4V)
12
20
30
ms
4
30
50
75
60
100
150
120
200
300
Output Leakage
Current
ILEAK
VDD=VOL=5.5V
±0.1
µA
5
M/R Terminal
Input High Voltage
VIH
(note3)
VDD=×0.7
V6
M/R Terminal
Input Low Voltage
VIL
(note3)
VDD=×0.2
V6
M/R Minimum Input
Pulse wide
tMR
(note2)
(note3)
1µs
7
note1 : This device is tested at Ta=25°C, over temperature limits guaranteed by desigh only.
note2 : The parameter is guaranteed by design.
note3 : PST88XR applies to this item.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com