Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSP4608 Datasheet(PDF) 5 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4608
Description  N-Ch and P-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4608 Datasheet(HTML) 5 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4608 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4608 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4608 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4608 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4608 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4608 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P-Channel Typical Characteristics
WSP4608
N-Ch and P-Channel MOSFET
Page 6
www.winsok.tw
Dec.2014
0 0
.
0.51 0
.
1 5
.
2 0
.
2.5 3 0
.
3 5
.
4.0
0
1
2
3
4
5
6
7
8
9
10
V
GS=4.0,4.5V
V
GS=3.0V
V
GS=2.8V
V
GS=2.4V
V
GS=2.0V
V
DS
, Drain-Source Voltage (V)
Figure 1. Output Characteristics
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
0
1
2
3
4
5
6
7
8
9
10
V
DS=1.0V
-25
oC
25
oC
125
oC
85
oC
V
GS, Gate-to-source Voltage(V)
Figure 2. Transfer Characteristics
0
5
10
15
20
0
200
400
600
800
1000
1200
1400
V
DS, Drain-to-Source Voltage (V)
Figure 3. Capacitance
Crss Ave(pF)
Coss Ave(pF)
Ciss Ave(pF)
-50 -25
0
25
50
75 100 125 150
15
20
25
30
35
40
45
50
Tj, Junction Temperature (
oC)
Figure 4. On Resistance Vs. Temperature
V
GS=10V
V
GS=4.5V
-50 -25
0
255075 100 125 150
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Tj, Junction Temperature (
oC)
Figure 5. Gate Thershold Vs. Temperature
4
0.
0.5
6
0.
0.7
0.8
9
0.
1.0
0.1
1
10
Figure 6. Body Diode Forward Voltage
Vs. Source Current
V
SD, Body Diode Forward Voltage (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com