Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSP4608 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4608
Description  N-Ch and P-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4608 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4608 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4608 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4608 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4608 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4608 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4608 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rating
Symbol
Parameter
N-Channel P-Channel
Units
VDS
Drain-Source Voltage
30
-30
V
VGS
Gate-Source Voltage
±
20
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
7
-6
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
6
-6
A
IDM
Pulsed Drain Current2
30
-30
A
EAS
Single Pulse Avalanche Energy3
72
59
mJ
IAS
Avalanche Current
21
-19
A
PD@TC=25℃
Total Power Dissipation4
1
1
W
TSTG
Storage Temperature Range
-55 to 150 -55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150 -55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient 1
---
83
℃
/W
RθJC
Thermal Resistance Junction-Case1
---
51
℃
/W
BVDSS
RDSON
ID
30V
22mΩ
6.4A
-30V
28mΩ
-5.6A
Advanced high cell density Trench technology
Gate Charge
Super Low
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
Power management in half bridge and inverters
DC-DC Converter
Load Switch
Absolute Maximum Ratings
Thermal Data
Product Summery
SOP-8 Pin Configuration
The WSP4608 is the highest performance
trench N-ch and P-ch MOSFETs with extreme
high cell density , which provide excellent
RDSON and gate charge for most of the
synchronous buck converter applications .
WSP4608
N-Ch and P-Channel MOSFET
Page 1
www.winsok.tw
Dec.2014
D1
D1
D2
D2
S2
G1
S1
G2


Similar Part No. - WSP4608

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSP4606 WIINSOK-WSP4606 Datasheet
1Mb / 8P
N-Ch and P-Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
WSP4606 DOINGTER-WSP4606 Datasheet
2Mb / 8P
P-Chanel and N-Channel MOSFET use advanced trench technology
More results

Similar Description - WSP4608

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMB6D0NP40QA KEC-KMB6D0NP40QA Datasheet
867Kb / 8P
N and P-Ch Trench MOSFET
KMB7D0NP30QA KEC-KMB7D0NP30QA_15 Datasheet
400Kb / 9P
N and P-Ch Trench MOSFET
logo
Shenzhen Guan Hua Wei Y...
WSD3045DN WIINSOK-WSD3045DN Datasheet
839Kb / 11P
N-Ch and P-Channel MOSFET
WSF3012 WIINSOK-WSF3012 Datasheet
2Mb / 6P
N-Ch and P-Channel MOSFET
WSF3013 WIINSOK-WSF3013 Datasheet
700Kb / 10P
N-Ch and P-Channel MOSFET
WSF4012 WIINSOK-WSF4012 Datasheet
1Mb / 7P
N-Ch and P-Channel MOSFET
WSP4606 WIINSOK-WSP4606 Datasheet
1Mb / 8P
N-Ch and P-Channel MOSFET
WSP4616 WIINSOK-WSP4616 Datasheet
839Kb / 8P
N-Ch and P-Channel MOSFET
WSP4620 WIINSOK-WSP4620 Datasheet
1,019Kb / 8P
N-Ch and P-Channel MOSFET
WSP4626 WIINSOK-WSP4626 Datasheet
1Mb / 8P
N-Ch and P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com