Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSW-STWINKT01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSW-STWINKT01
Description  SensorTile Wireless Industrial Node development kit and reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-STWINKT01 Datasheet(HTML) 1 Page - STMicroelectronics

  STSW-STWINKT01 Datasheet HTML 1Page - STMicroelectronics STSW-STWINKT01 Datasheet HTML 2Page - STMicroelectronics STSW-STWINKT01 Datasheet HTML 3Page - STMicroelectronics STSW-STWINKT01 Datasheet HTML 4Page - STMicroelectronics STSW-STWINKT01 Datasheet HTML 5Page - STMicroelectronics STSW-STWINKT01 Datasheet HTML 6Page - STMicroelectronics STSW-STWINKT01 Datasheet HTML 7Page - STMicroelectronics STSW-STWINKT01 Datasheet HTML 8Page - STMicroelectronics STSW-STWINKT01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
•
Multi-sensing wireless platform implementing vibration monitoring and
ultrasound detection
•
Built around STWIN core system board with processing, sensing, connectivity
and expansion capabilities
•
Ultra-low-power ARM Cortex-M4 MCU at 120 MHz with FPU, 2048 kbytes Flash
memory (STM32L4R9)
•
Micro SD Card slot for standalone data logging applications
•
Wireless BLE4.2 (on-board) and Wi-Fi (with STEVAL-STWINWFV1 expansion
board), and wired RS485 and USB OTG connectivity
•
Option to implement Authentication and Brand protection secure solution with
STSAFE-A110 (footprint)
•
Wide range of industrial IoT sensors:
–
ultra-wide bandwidth (up to 6 kHz), low-noise, 3-axis digital vibration sensor
(IIS3DWB)
–
3D accelerometer + 3D Gyro iNEMO inertial measurement unit
(ISM330DHCX) with machine learning core
–
ultra-low-power high performance MEMS motion sensor (IIS2DH)
–
ultra-low-power 3-axis magnetometer (IIS2MDC)
–
digital absolute pressure sensor (LPS22HH)
–
relative humidity and temperature sensor (HTS221)
–
low-voltage digital local temperature sensor (STTS751)
–
industrial grade digital MEMS microphone (IMP34DT05)
–
wideband analog MEMS microphone (MP23ABS1)
•
Modular architecture, expandable via on-board connectors:
–
STMOD+ and 40-pin flex general purpose expansions
–
12-pin male plug for connectivity expansions
–
12-pin female plug for sensing expansions
•
Other kit components:
–
Li-Po battery 480 mAh
–
STLINK-V3MINI debugger with programming cable
–
Plastic box
Description
The STWIN SensorTile wireless industrial node (STEVAL-STWINKT1) is a
development kit and reference design that simplifies prototyping and testing of
advanced industrial IoT applications such as condition monitoring and predictive
maintenance.
The kit features a core system board with a range of embedded industrial-grade
sensors and an ultra-low-power microcontroller for vibration analysis of 9-DoF motion
sensing data across a wide range of vibration frequencies, including very high
frequency audio and ultrasound spectra, and high precision local temperature and
environmental monitoring.
Product summary
STWIN SensorTile
Wireless Industrial
Node development
kit
STEVAL-
STWINKT1
Firmware for
STEVAL-STWINKT1
evaluation kit
STSW-
STWINKT01
Ultra-low-power
ARM Cortex-M4
MCU with FPU
STM32L4R9ZIJ6
3D Accelerometer +
3D Gyro iNEMO
Inertial
measurement unit
(IMU) with machine
learning core
ISM330DHCX
Ultra-wide
bandwidth (up to 6
kHz), low-noise, 3-
axis digital vibration
sensor
IIS3DWB
Firmware debug and
update interface
STLINK-V3MINI
debugger
Applications
IoT for Smart
industry
STWIN SensorTile Wireless Industrial Node development kit and reference
design for industrial IoT applications
STEVAL-STWINKT1
Data brief
DB3969 - Rev 4 - May 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STSW-STWINKT01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSW-STWBC-EP STMICROELECTRONICS-STSW-STWBC-EP Datasheet
2Mb / 4P
Qi MP-A15 15W wireless charger TX evaluation kit based on STWBC-EP
May 2019
STSW-STWBCGUI STMICROELECTRONICS-STSW-STWBCGUI Datasheet
751Kb / 7P
2.5 W wireless charger transmitter evaluation kit
18-Apr-2018
More results

Similar Description - STSW-STWINKT01

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
DE70321 CMLMICRO-DE70321 Datasheet
220Kb / 4P
Development and Demonstration Kit
logo
Advantech Co., Ltd.
ADAM-2510Z ADVANTECH-ADAM-2510Z Datasheet
980Kb / 1P
Wireless Router Node
WISE-1020 ADVANTECH-WISE-1020 Datasheet
839Kb / 2P
Wireless IoT IP Node
WISE-DK1510 ADVANTECH-WISE-DK1510 Datasheet
359Kb / 2P
Development Kit for M2.COM LoRa IoT Node WISE-1510
WISE-1021 ADVANTECH-WISE-1021 Datasheet
457Kb / 2P
Wireless IoT Node
WISE-1020 ADVANTECH-WISE-1020_15 Datasheet
480Kb / 2P
Wireless IoT Node
logo
STMicroelectronics
STEVAL-STLCS01V1 STMICROELECTRONICS-STEVAL-STLCS01V1 Datasheet
3Mb / 5P
SensorTile connectable sensor node: plug or solder
Rev 4 - March 2019
STEVAL-STLKT01V1 STMICROELECTRONICS-STEVAL-STLKT01V1 Datasheet
350Kb / 7P
SensorTile development kit
Rev 8 - March 2019
STEVAL-STWINBX1 STMICROELECTRONICS-STEVAL-STWINBX1 Datasheet
848Kb / 6P
STWIN.box - SensorTile Wireless Industrial Node Development Kit
25-Jan-2023
UM2777 STMICROELECTRONICS-UM2777 Datasheet
6Mb / 44P
How to use the STEVAL-STWINKT1B SensorTile Wireless Industrial Node for condition monitoring and predictive maintenance applications
01-Mar-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com