Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSW-STWINKT01 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STSW-STWINKT01
Description  SensorTile Wireless Industrial Node development kit and reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-STWINKT01 Datasheet(HTML) 4 Page - STMicroelectronics

  STSW-STWINKT01 Datasheet HTML 1Page - STMicroelectronics STSW-STWINKT01 Datasheet HTML 2Page - STMicroelectronics STSW-STWINKT01 Datasheet HTML 3Page - STMicroelectronics STSW-STWINKT01 Datasheet HTML 4Page - STMicroelectronics STSW-STWINKT01 Datasheet HTML 5Page - STMicroelectronics STSW-STWINKT01 Datasheet HTML 6Page - STMicroelectronics STSW-STWINKT01 Datasheet HTML 7Page - STMicroelectronics STSW-STWINKT01 Datasheet HTML 8Page - STMicroelectronics STSW-STWINKT01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2
Schematic diagrams
Figure 2. STEVAL-STWINKT1 schematic - power
D4
D0
SB12
0R
C26
4.7uF
5
B2
C1
DCDC_1
BUTTON_PWR
SW2_OA
D5
J5
CON2
DCDC_1
BAT_NTC
E2
SB22
NC
3V3_Ext
5
R18
56K
3
OTG_FS_DP
VBUS
D2
2
R13
NC (10k )
SW
R12
100k
F4
D3
SYS
D2
E4
GND
V_USB
1
E3
SW_SEL
F5
1
U16
ST1PS01EJR
GND
V_USB
1
nRESET
C22
22uF
EXT 5V
3.3V DC-DC
2.7V Analog LDO
SYS
2V 7A
EN
A4
E1
1
ISET
DCDC_1
1
CEN
BAT2
R17
2k
D1
B5
B3
C21 10uF
BATSNS
OUT
5V
TP2
TH
E3
R20
100k
VOUT
D1
ESDALC6V1-1U2
TP3
TH
SW1_I
VBat
C2
D2
4
R19
0R
3V3_LDO
C18
22uF
PGOOD
C20 1uF
A1
PWR
C23
10uF
A2
A1
A1
RESET_NOW
VBat
6
IN
D1
D0
L2 2.2uH
C12
1uF
USBLC6-2P6
L1 2.2uH
USB
C15
1uF
5V
2
SW2_I
VBat
DCDC_1
C1
1
1
SW1_OA
C24
10uF
C_EN
100mA
NC2
2
Battery management
1
OTG_FS_DM
CHG
GND
BAT_NTC
TP7
R15
1M
DCDC_1
A3
BATMS
C27
100nF
D1
SYS
1
D1
SW1_OB
E3
3
3
IN1
SB23 0R
B2
SYS1
EN
NTC
R11 20K
R21 0R
U10
LDK130PU-R
WAKEUP
C5
4
U14
ST1PS01EJR
B1
R14
100k
D4
2
uC_ADC_BATT
SW2_OB
2
E1
C3
LED_C
Red
3
VIN
BATT
Battery Connector
F2
DCDC_1
BATSNSFV
U15
STBC02AJR
3V3 400mA
3V3 400mA.
Battery monitor
(4.2V -> 3V)
DCDC_2_EN
R10 47.5K
CHRG
C3
TP1
TH
NC
3V3_SD_485
R22
2k
F1
C3
DCDC_1
IPRE
1
A3
1
R23
100K
V_USB
DCDC_2
4
LDO
2
D4
C25 10uF
6
BUTTON_PWR
VBat
EN
A5
2
RST_PENDING
BATMS
SW
J4
STRIP254P-M-2
F3
SB17
NC
C4
DCDC_2
SW_SEL
PGOOD
SW_SEL
SYS2
C1
PGOOD
VOUT
D2
2
E1
VIN
D3
1
3V3 150mA
BATMS
ADJ
E5
R16
20K
4
B2
IN2
BAT1
3
U18
USB-MICRO
10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com