Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK2MV64CC Datasheet(PDF) 3 Page - Intel Corporation

Part # STK2MV64CC
Description  INTEL COMPUTE STICK BUILT TO PERFORM DESIGNED TO FIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

STK2MV64CC Datasheet(HTML) 3 Page - Intel Corporation

  STK2MV64CC Datasheet HTML 1Page - Intel Corporation STK2MV64CC Datasheet HTML 2Page - Intel Corporation STK2MV64CC Datasheet HTML 3Page - Intel Corporation STK2MV64CC Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Optimized design for full performance
Intel relentlessly innovates to bring you technology that helps you meet
your computing needs. The innovative design of the Intel Compute Stick is fully
optimized to allow you to maximize the performance for videos, spreadsheets,
or presentations. Additionally, Intel® vPro™ technology3 offers the security and
manageability you need for embedded and enterprise applications. At home or
in the office, the Intel Compute Stick makes it easy to work when, where, and
how you want.
Intel Compute Stick.
Connect. Compute. It’s that simple.
Intel® Core™ m3 processor or
Intel® Core™ m5 vPro™ processor
TPM available on the Intel® Core™ m3
processor sku and included on the
Intel® Core™ m5 vPro™ processor sku
4K support
Onboard storage
Onboard memory
Intel® Dual Band Wireless AC 8260
Bluetooth* 4.2
HDMI* extension cable
Power adapter with 2 USB ports
and USB Type-C cable
38 mm
Look for Intel® Compute Stick
with Intel Inside® at
www.intel.com/ComputeStick
Security
notch
Micro SD
card slot
USB 3.0
port
USB type C
Power port
Power
button
HDMI*
12 mm
INTEL®COMPUTESTICKFEATURES
PRODUCT BRIEF Intel® Compute Stick
STK2M3W64CC, STK2MV64CC
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com