Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK2MV64CC Datasheet(PDF) 4 Page - Intel Corporation

Part # STK2MV64CC
Description  INTEL COMPUTE STICK BUILT TO PERFORM DESIGNED TO FIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

STK2MV64CC Datasheet(HTML) 4 Page - Intel Corporation

  STK2MV64CC Datasheet HTML 1Page - Intel Corporation STK2MV64CC Datasheet HTML 2Page - Intel Corporation STK2MV64CC Datasheet HTML 3Page - Intel Corporation STK2MV64CC Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1
Bluetooth file transfer is not supported by all operating systems and is dependent upon phone or tablet capabilities.
2
One USB 3.0 port is on the device. Two USB 3.0 ports are on the power adapter.
3
Intel technologies’ features and benefits depend on system configuration and may require enabled hardware, software or service activation. Performance varies depending on system
configuration. No computer system can be absolutely secure. Check with your system manufacturer or retailer or learn more at www.intel.com.
INFORMATION IN THIS DOCUMENT IS PROVIDED IN CONNECTION WITH INTEL® PRODUCTS. NO LICENSE, EXPRESS OR IMPLIED, BY ESTOPPEL OR OTHERWISE, TO ANY INTELLECTUAL
PROPERTY RIGHTS IS GRANTED BY THIS DOCUMENT. EXCEPT AS PROVIDED IN INTEL’S TERMS AND CONDITIONS OF SALE FOR SUCH PRODUCTS, INTEL ASSUMES NO LIABILITY
WHATSOEVER, AND INTEL DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY, RELATING TO SALE AND/OR USE OF INTEL PRODUCTS INCLUDING LIABILITY OR WARRANTIES RELATING
TO FITNESS FOR A PARTICULAR PURPOSE, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT, OR OTHER INTELLECTUAL PROPERTY RIGHT.
Intel products are not intended for use in medical, life-saving, or life-sustaining applications. Intel may make changes to specifications and product
descriptions at any time, without notice. All products, dates, and figures specified are preliminary based on current expectations, and are subject to
change without notice. Availability in different channels may vary. Actual Intel® Compute Stick may differ from the image shown.
Copyright © 2015 Intel Corporation. All rights reserved. Intel, the Intel logo, Intel Inside, the Intel Inside logo, Intel Experience What’s Inside, the Intel
Experience What’s Inside logo, Intel vPro, Intel Unite, Intel RealSense, and Intel Core are trademarks of Intel Corporation in the U.S. and/or other countries.
*Other names and brands may be claimed as the property of others.
1115/BCP/HBD/PDF
333174-001US
Intel® Compute Stick Usage Models
MOBILE WORKER
HEALTHCARE KIOSK
OFFICE CONFERENCE (INTEL® UNITE™ SOFTWARE)
PROCE SSOR
• Intel® Core™ m5-6Y57 vPro™ processor
• Intel® Core™ m3-6Y30 processor
GR APHIC S
• Intel® HD Graphics
• HDMI* 1.4 B
SYSTEM MEMORY
• 4 GB total DDR3 1866 MHz dual
channel memory
• 2 GB per channel
STOR AGE C APABILITIE S
• 64 GB eMMC device built-in
• SDXC v3.0 slot with UHS I-Support
PERIPHER AL CONNEC TIVIT Y
• Integrated Intel® 802.11ac wireless
(Intel® Dual Band Wireless AC 8260)
• One USB 3.0 on device and two USB 3.0
on power adapter
• Bluetooth* 4.2
• Micro SD card slot (up to 128 GB)
AUDIO
• Intel® HD Audio3 via HDMI, supporting
multi-channel digital audio
MECHANIC AL CHA SSIS SIZE
• 114 mm x 38 mm x 12 mm
PRE- LOADED OS
• N/A (STK2MV64CC)
• Windows® 10 (STK2M3W64CC)
POWER REQUIREMENTS
• USB Type-C power connector and cable
• 5V, 4A wall-mount AC-DC power adapter
with 2 USB 3.0 ports
ENVIRONMENT OPER ATING
TEMPER ATURE
• 0° C to +35° C
STOR AGE TEMPER ATURE
• -40° C to +60° C
PRODUCT BRIEF Intel® Compute Stick
STK2M3W64CC, STK2MV64CC
TECHNIC AL SPECIFIC ATIONS
Intel® Compute Stick STK2M3W64CC, STK2MV64CC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com