Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD40D Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLD40D
Description  White LED power supply for large display backlight
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD40D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLD40D Datasheet HTML 2Page - STMicroelectronics STLD40D Datasheet HTML 3Page - STMicroelectronics STLD40D Datasheet HTML 4Page - STMicroelectronics STLD40D Datasheet HTML 5Page - STMicroelectronics STLD40D Datasheet HTML 6Page - STMicroelectronics STLD40D Datasheet HTML 7Page - STMicroelectronics STLD40D Datasheet HTML 8Page - STMicroelectronics STLD40D Datasheet HTML 9Page - STMicroelectronics STLD40D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STLD40D
6/16
Doc ID 12203 Rev 7
4
Electrical characteristics
TJ = - 40 °C to 85 °C, VI = 3.6 V, VEN = 3 V, CI = 2.2 µF, CO = 4.7 µF, L = 4.7 µH, RLED = 8 Ω
VO = 32 V, typ. values @ 25 °C, unless otherwise specified.
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VI
Input voltage range
3.0
5.5
V
VO
Output voltage range
VI
37
V
IO
Regulated output current
VO = 36 V (10 white LEDs)
20
mA
ISD
Stand-by current
VEN = Low, VI = 3.6 V, TJ = 25 °C
1
3
µA
VEN = Low, VI = 3 V to 4.2 V
10
IQ
Quiescent current
VI = 3 V to 4.2 V, TJ = 25 °C
0.4
0.8
mA
VI = 5.5 V, TJ = 25 °C
0.8
1.2
RDSON
Boost switch RDSON
VI = 5.5 V, I = 100 mA
0.4
Ω
VI = 4.2 V, I = 100 mA
0.4
VI = 3.0 V, I = 100 mA
0.5
BVDS breakdown voltage
38
V
ILIM-ADJ
Maximum peak inductor limit
adjust range (1)
RSET = 12 kΩ to 100 kΩ
0.2
1
A
ILIM
Maximum peak inductor limit
when RSET = VI
(1)
VI = 3 V to 5.5 V
0.75
1.1
A
VFB
Feedback voltage
VI = 3.6 V
130
165
200
mV
Line FB
Line feedback voltage
VI = 3 V to 5.5 V
5
35
mV
TON_MAX Maximum ON time
VI = 4.2 V
5.5
µs
TOFF_MIN Minimum OFF time
VI = 4.2 V
250
ns
ν
Efficiency at VI = 3.0 VDC
(1)
IO = 20 mA, VO = 36 VDC
75
%
Efficiency at VI = 5.5 VDC
(1)
IO = 20 mA, VO = 36 VDC
80
OVP
Over voltage protection
36
42
V
OVHYS
Over voltage hysteresis
1.5
V
VEN
Enable input logic low
Disable Low VIL
0.3
V
Enable input logic high
Enable High VIH
1.2
1.
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com