Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD40D Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLD40D
Description  White LED power supply for large display backlight
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD40D Datasheet(HTML) 4 Page - STMicroelectronics

  STLD40D Datasheet HTML 1Page - STMicroelectronics STLD40D Datasheet HTML 2Page - STMicroelectronics STLD40D Datasheet HTML 3Page - STMicroelectronics STLD40D Datasheet HTML 4Page - STMicroelectronics STLD40D Datasheet HTML 5Page - STMicroelectronics STLD40D Datasheet HTML 6Page - STMicroelectronics STLD40D Datasheet HTML 7Page - STMicroelectronics STLD40D Datasheet HTML 8Page - STMicroelectronics STLD40D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Pin configuration
STLD40D
4/16
Doc ID 12203 Rev 7
2
Pin configuration
Figure 2.
Pin connections (top through view)
Table 2.
Pin description
Pin n°
Symbol
Note
1VI
Supply voltage
2RSET
Peak inductor current adjust
3
GND
Analog ground
4
FB
Feedback for the LED current regulation
5
N.C.
Not connected
6VO
Output voltage for LED supply
7
EN
IC enable signal
8
SW
Boost switch drain
PGND
Power ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com