Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH05030WAS Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05030WAS
Description  30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05030WAS Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTH05030WAS Datasheet HTML 7Page - Texas Instruments PTH05030WAS Datasheet HTML 8Page - Texas Instruments PTH05030WAS Datasheet HTML 9Page - Texas Instruments PTH05030WAS Datasheet HTML 10Page - Texas Instruments PTH05030WAS Datasheet HTML 11Page - Texas Instruments PTH05030WAS Datasheet HTML 12Page - Texas Instruments PTH05030WAS Datasheet HTML 13Page - Texas Instruments PTH05030WAS Datasheet HTML 14Page - Texas Instruments PTH05030WAS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Application Notes
For technical support and further information visit http://power.ti.com
PTH Series of Wide-Output Adjust
Power Modules (3.3/5-V Input)
Figure 3–6; Simultaneous Power Up with Auto-Track Control
PTH05010W
1
10
4
5
6
2
3
98
Track
V
IN
V
O
GND
Inhibit
PTH05020W
1
10
4
5
6
2
3
98
Track
V
IN
V
O
GND
Inhibit
7
C
OUT
C
OUT
C
IN
C
IN
Vo
2 =1.8 V
Vo
1 =3.3 V
U1
U2
+5 V
0 V
On/Off Control
1 = Power Down
0 = Power Up
Q1
BSS138
C1
0.1 µF
R1
100 k
R
2
698
R
3
5k49
7
Figure 3–5; Sequenced Power Up & Power Down Using Auto-Track
Figure 3–7; Simultaneous Power Down with Auto-Track Control
Vo1 (1 V/Div)
Vo2 (1 V/Div)
On/Off Input
(5 V/Div)
HORIZ SCALE: 10 ms/Div
Vo1 (1 V/Div)
Vo2 (1 V/Div)
On/Off Input
(5 V/Div)
HORIZ SCALE: 10 ms/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com