Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH05030WAS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05030WAS
Description  30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05030WAS Datasheet(HTML) 2 Page - Texas Instruments

  PTH05030WAS Datasheet HTML 1Page - Texas Instruments PTH05030WAS Datasheet HTML 2Page - Texas Instruments PTH05030WAS Datasheet HTML 3Page - Texas Instruments PTH05030WAS Datasheet HTML 4Page - Texas Instruments PTH05030WAS Datasheet HTML 5Page - Texas Instruments PTH05030WAS Datasheet HTML 6Page - Texas Instruments PTH05030WAS Datasheet HTML 7Page - Texas Instruments PTH05030WAS Datasheet HTML 8Page - Texas Instruments PTH05030WAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
For technical support and further information, visit http://power.ti.com
Pin Descriptions
Vin:
The positive input voltage power node to the mod-
ule, which is referenced to common GND.
Vout:
The regulated positive power output with respect
to the GND node.
GND:
This is the common ground connection for the
Vin and Vout power connections. It is also the 0 VDC
reference for the control inputs.
Inhibit:
The Inhibit pin is an open-collector/drain negative
logic input that is referenced to GND. Applying a low-
level ground signal to this input disables the module’s
output and turns off the output voltage. When the Inhibit
control is active, the input current drawn by the regula-
tor is significantly reduced. If the Inhibit pin is left
open-circuit, the module will produce an output when-
ever a valid input source is applied.
Vo Adjust:
A 0.1 W 1 % resistor must be directly connected
between this pin and pin 7 (GND) to set the output voltage
to a value higher than 0.8 V. The temperature stability of
the resistor should be 100 ppm/°C (or better). The set
point range for the output voltage is from 0.8 V to 3.6 V.
The resistor value required for a given output voltage
may be calculated from the following formula. If left
open circuit, the output voltage will default to its lowest
value. For further information on output voltage adjust-
ment consult the related application note.
Rset
= 10 k ·
0.8 V
– 2.49 k
Vout – 0.8 V
The specification table gives the preferred resistor values
for a number of standard output voltages.
Vo Sense:
The sense input allows the regulation circuit to
compensate for voltage drop between the module and
the load. For optimal voltage accuracy Vo Sense should
be connected to Vout. It can also be left disconnected.
Track:
This is an analog control input that enables the
output voltage to follow an external voltage. This pin
becomes active typically 20 ms after the input voltage
has been applied, and allows direct control of the output
voltage from 0 V up to the nominal set-point voltage.
Within this range the output will follow the voltage at
the Track pin on a volt-for-volt basis. When the control
voltage is raised above this range, the module regulates
at its set-point voltage. The feature allows the output
voltage to rise simultaneously with other modules pow-
ered from the same input bus. If unused, this input should
be connected to Vin. Note: Due to the under-voltage lockout
feature, the output of the module cannot follow its own input
voltage during power up. For more information, consult the
related application note.
Margin Down:
When this input is asserted to GND, the
output voltage is decreased by 5% from the nominal. The
input requires an open-collector (open-drain) interface.
It is not TTL compatible. A lower percent change can
be accomodated with a series resistor. For further infor-
mation, consult the related application note.
Margin Up:
When this input is asserted to GND, the
output voltage is increased by 5%. The input requires an
open-collector (open-drain) interface. It is not TTL
compatible. The percent change can be reduced with a
series resistor. For further information, consult the
related application note.
Ordering Information
Package Options (PTH05030x
HH)(1)
Code
Description
Pkg Ref. (2)
AH
Horiz. T/H
(EUM)
AS
SMD, Standard (3)
(EUN)
Output Voltage (PTH05030
Hxx)
Code
Voltage
W
0.8 V – 3.6 V (Adjust)
Notes:
(1) Add “T” to end of part number for tape and reel on SMD packages only.
(2) Reference the applicable package reference drawing for the dimensions and PC board layout
(3) “Standard” option specifies 63/37, Sn/Pb pin solder material.
30-A, 5-V Input Non-Isolated
Wide-Output Adjust Power Modules
PTH05030W —5-V Input
SLTS210B – MAY 2003 – REVISED JANUARY 2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com