Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F722VCY7TR Datasheet(PDF) 118 Page - STMicroelectronics

Part # STM32F722VCY7TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCY7TR Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM32F722VCY7TR Datasheet HTML 114Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 115Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 116Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 117Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 118Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 119Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 120Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 121Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 229 page
background image
Electrical characteristics
STM32F722xx STM32F723xx
118/229
DS11853 Rev 6
Table 29. Typical and maximum current consumption in Sleep mode, regulator ON
Symbol Parameter
Conditions
fHCLK (MHz)
Typ
Max(1)
Unit
TA= 25 °C TA=85 °C TA=105 °C
IDD
Supply cur-
rent in
SLEEP
mode
All peripherals
enabled(2)
216
82
96(3)
109.3(3)
128.3
mA
200
77
84
103.4
122.6
180
67
72(3)
88.3(3)
120(3)
168
60
64
78.9
92.7
144
46
49
61.8
73.6
60
24
26
37.2
49
25
14
16
27
38.8
All peripherals
disabled
216
24
28(3)
42.9(3)
62.2
200
22
26
41.9
61.2
180
19
21(3)
33.2(3)
48(3)
168
17
19
30.1
43.9
144
13
15
24.6
36.3
60
7
9
20.5
32.3
25
5
7
18.8
30.6
1. Guaranteed by characterization results.
2. When analog peripheral blocks such as ADCs, DACs, HSE, LSE, HSI, or LSI are ON, an additional power consumption
should be considered.
3. Guaranteed by test in production.
Table 30. Typical and maximum current consumption in Sleep mode, regulator OFF
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
TA= 25 °C
TA= 85 °C
TA= 105 °C
IDD12 IDD IDD12
IDD IDD12
IDD
IDD12
IDD
IDD12/
IDD
Supply cur-
rent in RUN
mode from
V12 and VDD
supply
All Periph-
erals
Enabled(2)
180
62
1.3
67.5
2
84.4
2
95
2
mA
168
55
1.3
59.8
2
75.4
2
86
2
144
43
1.3
46.3
2
59.6
2
70
2
60
22
1
24
2
35.8
2
46
2
25
13
1
15
2
25.8
2
36
2
All Periph-
erals Dis-
abled
180
17
1.3
19
2
31.4
2
42
2
168
15
1.3
17
2
28.4
2
40
2
144
12
1.2
14
2
23.2
2
33
2
60
5
1
6
2
19.3
2
29
2
25
3
1
4
2
17.6
2
28
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com