Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F722VCY7TR Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM32F722VCY7TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCY7TR Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32F722VCY7TR Datasheet HTML 116Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 117Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 118Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 119Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 120Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 121Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 122Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 123Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 229 page
background image
Electrical characteristics
STM32F722xx STM32F723xx
120/229
DS11853 Rev 6
Table 32. Typical and maximum current consumptions in Standby mode
Symbol
Parameter
Conditions
Typ(1)
Max(2)
Unit
TA = 25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
VDD =
1.7 V
VDD=
2.4 V
VDD =
3.3 V
VDD = 3.3 V
IDD_STBY
Supply current
in Standby
mode
Backup SRAM OFF, RTC and
LSE OFF
1.09
1.13
1.4
4
27
55
µA
Backup SRAM ON, RTC and
LSE OFF
1.85
1.88
2.17
5
30
60
Backup SRAM OFF, RTC ON
and LSE in low drive mode
1.65
1.86
2.43
7
47
95.5
Backup SRAM OFF, RTC ON
and LSE in medium low drive
mode
1.67
1.88
2.46
7
47.5
97
Backup SRAM OFF, RTC ON
and LSE in medium high drive
mode
1.8
2.01
2.61
7.5
50.5
102.5
Backup SRAM OFF, RTC ON
and LSE in high drive mode
1.92
2.13
2.73
8
53
107
Backup SRAM ON, RTC ON
and LSE in low drive mode
2.39
2.6
3.23
9
62
127
Backup SRAM ON, RTC ON
and LSE in Medium low drive
mode
2.41
2.64
3.25
9
63
128
Backup SRAM ON, RTC ON
and LSE in Medium high drive
mode
2.67
2.89
2.53
10
68
139
Backup SRAM ON, RTC ON
and LSE in High drive mode
2.68
2.9
3.51
10
68
138
1. PDR is OFF for VDD=1.7V. When the PDR is OFF (internal reset OFF), the typical current consumption is reduced by
additional 1.2 µA.
2. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com