Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F722VCY7TR Datasheet(PDF) 121 Page - STMicroelectronics

Part # STM32F722VCY7TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCY7TR Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STM32F722VCY7TR Datasheet HTML 117Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 118Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 119Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 120Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 121Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 122Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 123Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 124Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 229 page
background image
DS11853 Rev 6
121/229
STM32F722xx STM32F723xx
Electrical characteristics
201
Table 33. Typical and maximum current consumptions in VBAT mode
Symbol
Parameter
Conditions(1)
Typ
Max(2)
Unit
TA =25 °C
TA =85 °C TA =105 °C
VBAT =
1.7 V
VBAT=
2.4 V
VBAT=
3.3 V
VBAT = 3.6 V
IDD_VBAT
Supply current
in VBAT mode
Backup SRAM OFF, RTC and
LSE OFF
0.035
0.037
0.043
4
10
µA
Backup SRAM ON, RTC and
LSE OFF
0.69
0.71
0.73
9
20
Backup SRAM OFF, RTC ON
and LSE in low drive mode
0.57
0.74
1.05
98
244
Backup SRAM OFF, RTC ON
and LSE in medium low drive
mode
0.59
0.76
1.08
101
251
Backup SRAM OFF, RTC ON
and LSE in medium high drive
mode
0.69
0.86
1.19
111
277
Backup SRAM OFF, RTC ON
and LSE in high drive mode
0.8
0.98
1.31
122
305
Backup SRAM ON, RTC ON and
LSE in low drive mode
1.22
1.41
1.74
162
405
Backup SRAM ON, RTC ON and
LSE in Medium low drive mode
1.25
1.43
1.78
166
414
Backup SRAM ON, RTC ON and
LSE in Medium high drive mode
1.46
1.65
2.01
187
468
Backup SRAM ON, RTC ON and
LSE in High drive mode
1.46
1.65
2.01
187
468
1. Crystal used: Abracon ABS07-120-32.768 kHz-T with a CL of 6 pF for typical values.
2. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com