Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2821B Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM3P2821B
Description  Low Power EMI Reduction IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2821B Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM3P2821B Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2821B Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2821B Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2821B Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2821B Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2821B Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2821B Datasheet HTML 7Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ASM3P2821B
Low Power EMI Reduction IC
4 of 7
Notice: The information in this document is subject to change without notice.
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
XIN
Input frequency
15
24
27
MHz
MODOUT
Output frequency
15
24
27
MHz
tLH*
Output rise time (measured at 0.8V to 2.0V)
TBD
ns
tHL*
Output fall time (measured at 2.0V to 0.8V)
TBD
ns
tJC
Jitter (cycle to cycle)
-
-
TBD
ps
tD
Output duty cycle
-
TBD
-
%
* tLH and tHL are measured into a capacitive load of 15pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com