Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2821B Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM3P2821B
Description  Low Power EMI Reduction IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2821B Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM3P2821B Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2821B Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2821B Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2821B Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2821B Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2821B Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2821B Datasheet HTML 7Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
October 2003
ASM3P2821B
rev 1.0
Alliance Semiconductor
2575, Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
Notice: The information in this document is subject to change without notice.
Features
FCC approved method of EMI attenuation.
Generates a 1X low EMI spread spectrum clock of
the input frequency.
Input frequency range: 15MHz – 27MHz.
Internal loop filter minimizes external components
and board space.
Frequency deviation: -2.5%
Low inherent cycle-to-cycle jitter.
3.3V operating voltage.
TTL or CMOS compatible inputs and outputs.
Ultra-low power CMOS design.
o
TBD mA @ 3.3V, 24MHz
Pinout
compatible
with
Cypress
CY25811.
Products are available for industrial temperature
range.
Available in 8-pin SOIC and TSSOP.
Product Description
The ASM3P2821B is a versatile spread spectrum
frequency modulator designed specifically for input clock
frequencies in the range of 15MHz - 27MHz. The
ASM3P2821B can generate an EMI reduced clock from a
ceramic resonator or system clock. The ASM3P2821B
offers a percentage deviation of –2.5%.
The ASM3P2821B reduces electromagnetic interference
(EMI) at the clock source, allowing system wide reduction
of EMI of
down stream clock and data dependent
signals. The ASM3P2821B allows significant system cost
savings by reducing the number of circuit board layers
ferrite beads, shielding and other passive components
that are traditionally required to pass EMI regulations.
The ASM3P2821B uses the most efficient and optimized
modulation profile approved by the FCC and is
implemented in a proprietary all digital method.
The ASM3P2821B modulates the output of a single PLL
in order to “spread” the bandwidth of a synthesized clock,
and more importantly, decreases the peak amplitudes of
its harmonics. This results in significantly lower system
EMI compared to the typical narrow band signal produced
by oscillators and most frequency generators. Lowering
EMI by increasing a signal’s bandwidth is called ‘spread
spectrum clock generation’.
Applications
The ASM3P2821B is targeted towards EMI management
for high speed digital applications such as PC peripheral
devices, consumer electronics and embedded controller
systems.
Block Diagram
VSS
XIN
Crystal
Oscillator
Frequency
Divider
Feedback
Divider
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
MODOUT
PLL
VDD


Similar Part No. - ASM3P2821B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2811A ALSC-ASM3P2811A Datasheet
159Kb / 8P
Low Power EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
Low Power EMI Reduction IC
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
156Kb / 11P
Low Power EMI Reduction IC
logo
ON Semiconductor
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
Low Power EMI Reduction IC
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM3P2811AF-08SR PULSECORE-ASM3P2811AF-08SR Datasheet
450Kb / 11P
Low Power EMI Reduction IC
More results

Similar Description - ASM3P2821B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2109A ALSC-ASM3P2109A Datasheet
160Kb / 7P
Low Power EMI Reduction IC
ASM3P2811A ALSC-ASM3P2811A Datasheet
159Kb / 8P
Low Power EMI Reduction IC
ASM3P5821A ALSC-ASM3P5821A Datasheet
173Kb / 7P
Low Power EMI Reduction IC
P2010A ALSC-P2010A Datasheet
457Kb / 9P
Low Frequency EMI Reduction IC
P2811 ALSC-P2811 Datasheet
382Kb / 8P
Low-Power EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
Low Power EMI Reduction IC
ASM3P2811A PULSECORE-ASM3P2811A_1 Datasheet
156Kb / 11P
Low Power EMI Reduction IC
PCS3P2537A PULSECORE-PCS3P2537A Datasheet
278Kb / 7P
Low Power Peak EMI Reduction IC
logo
ON Semiconductor
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
Low Power EMI Reduction IC
August, 2011 ??Rev. 3
P2811A ONSEMI-P2811A Datasheet
136Kb / 6P
Low Power EMI Reduction IC
JUNE 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com