Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2853A Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM3P2853A
Description  Peak EMI Reducing Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2853A Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM3P2853A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2853A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2853A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2853A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2853A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2853A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2853A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2853A Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Peak EMI Reducing Solution
3 of 8
rev 0.7
December 2004
ASM3P2853A
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD
Supply voltage, DC
(VSS – 0.5) to 7
V
VI
Input voltage, DC
(VSS-0.5) to (VDD+0.5)
V
VO
Output voltage, DC
(VSS-0.5) to (VDD + 0.5)
V
IIK
Input clamp current (VI<0 or VI>VDD)
-50 to +50
mA
IOK
Output clamp current (VI<0 or VI>VDD)
-50 to +50
mA
TJ
Junction temperature
150
°C
Lead temperature (soldering 10 sec)
260
°C
Input static discharge voltage protection
(MIL –STD 883E, Method 3015.7)
2
kV
Note: These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for extended periods may affect device
reliability.
Operating Conditions
Parameter
Symbol
Condition / Description
Min
Typ
Max
Unit
Supply Voltage
VDD
2.5V ± 5%
2.375
2.5
2.625
V
Ambient Operating
Temperature Range
TA
0
-
+70
°C
Crystal Resonator Frequency
FXIN
25
MHz
Output Driver Load
Capacitance
CL
-
-
15
pF
Crystal Specifications
Fundamental AT cut parallel resonant crystal
Nominal frequency
25 MHz
Frequency tolerance
± 50 ppm or better at 25°C
Operating temperature range
-25°C to +85°C
Storage temperature
-40°C to +85°C
Load capacitance
18pF
Shunt capacitance
7pF maximum
ESR
25



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com