Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2853A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM3P2853A
Description  Peak EMI Reducing Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2853A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM3P2853A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2853A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2853A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2853A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2853A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2853A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2853A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2853A Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Alliance Semiconductor
2575 Augustine Drive
• Santa Clara CA • Tel: 408-855-4900 • Fax: 408-855-4999 • www.alsc.com
rev 0.7
December 2004
ASM3P2853A
Peak EMI Reducing Solution
Features
Generates an EMI optimized clock signal at
output.
Input frequency: 25 MHz.
Frequency outputs:
o
USB Clock (48 MHz unmodulated)
o
50 MHz (modulated), ±1% centre spread
Modulation rate: 39 KHz.
Spread Spectrum ON/OFF control
Supply voltage range 2.5V ± 5%.
Available in 8-pin SOIC package.
Commercial Temperature range.
Product Description
The ASM3P2853A is a versatile spread spectrum
frequency
modulator.
The
ASM3P2853A
reduces
electromagnetic interference (EMI) at the clock source.
The ASM3P2853A allows significant system cost savings
by reducing the number of circuit board layers and
shielding that are required to pass EMI regulations. The
ASM3P2853A modulates the output of PLL in order to
spread the bandwidth of a synthesized clock, thereby
decreasing the peak amplitudes of its harmonics. This
results in significantly lower system EMI compared to the
typical narrow band signal produced by oscillators and
most clock generators. Lowering EMI by increasing a
signal’s bandwidth is called spread spectrum clock
generation.
Applications
ASM3P2853A is targeted towards EMI management for
high speed digital applications such as PC peripheral
devices, consumer electronics and embedded controller
systems.
Block Diagram
VSS
VDD
Crystal
Oscillator
50 MHz
Modulated
XIN
XOUT
USB Clock
(48 MHz
Unmodulated)
PLL1
PLL2
PWDNB
SSONB


Similar Part No. - ASM3P2853A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2853A PULSECORE-ASM3P2853A Datasheet
160Kb / 8P
Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2853A ONSEMI-ASM3P2853A Datasheet
142Kb / 7P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
ASM3P2853AF-08SR PULSECORE-ASM3P2853AF-08SR Datasheet
160Kb / 8P
Peak EMI Reducing Solution
ASM3P2853AF-08ST PULSECORE-ASM3P2853AF-08ST Datasheet
160Kb / 8P
Peak EMI Reducing Solution
ASM3P2853AG-08SR PULSECORE-ASM3P2853AG-08SR Datasheet
160Kb / 8P
Peak EMI Reducing Solution
More results

Similar Description - ASM3P2853A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
Peak EMI Reducing Solution
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
Peak Reducing EMI Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A_11 Datasheet
107Kb / 6P
Peak EMI Reducing Solution
August, 2011 ??Rev. P2
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com