Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3I623S00AG-08-TT Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM3I623S00AG-08-TT
Description  Zero Cycle Slip Peak EMI reduction IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3I623S00AG-08-TT Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM3I623S00AG-08-TT Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TT Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TT Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TT Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TT Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TT Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TT Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TT Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TT Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
July 2005
ASM3P623S00A/B/C/D/E/F
rev 1.0
Alliance Semiconductor
2575 Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
Notice: The information in this document is subject to change without notice.
Zero Cycle Slip Peak EMI reduction IC
General Features
Input frequency range: 20MHz - 50MHz.
Zero input - output propagation delay.
Low-skew outputs.
Output-output skew less than 250pS.
Device-device skew less than 700pS.
Less than 200pS cycle-to-cycle jitter is compatible
with Pentium
® based systems.
Available in 16pin, 150mil SOIC, 4.4mm TSSOP
(ASM3P623S00D/E/F), and in 8pin, 150 mil SOIC,
4.4mm TSSOP Packages (ASM3P623S00A/B/C).
3.3V operation
Advanced 0.35µ CMOS technology.
The First True Drop-in Solution.
Functional Description
ASM3P623S00D/E/F is a versatile, 3.3V zero-delay buffer
designed to distribute high-speed clocks. It accepts one
reference input and drives out eight low-skew clocks. It is
available in a 16pin package. The ASM3P623S00A/B/C is
the eight-pin version of the ASM3P623S00. It accepts one
reference input and drives out one low-skew clock.
All parts have on-chip PLLs that lock to an input clock on
the CLKIN pin. The PLL feedback is on-chip and is
obtained from the CLKOUT pad, internal to the device.
Multiple ASM3P623S00D/E/F devices can accept the same
input clock and distribute it. In this case, the skew between
the outputs of the two devices is guaranteed to be less than
700pS.
All outputs have less than 200pS of cycle-to-cycle jitter.
The input and output propagation delay is guaranteed to be
less than 250pS, and the output-to-output skew is
guaranteed to be less than 250pS.
Please refer
“Differential Cycle Slips and Spread Spectrum
Control Table” for deviations and differential Cycle Slips
for ASM3P623S00A/B/C and the ASM3P623S00D/E/F
devices
The ASM3P623S00A/B/C and the ASM3P623S00D/E/F
are available in two different configurations, as shown in
the ordering information table.
Block Diagram
VSS
CLKIN
Reference
Divider
Feedback
Divider
Modulation
Phase
Detector
Loop
Filter
VCO
Feedforward
Divider
PLL
VDD
CLKOUT
SSON
SS%


Similar Part No. - ASM3I623S00AG-08-TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3I623S00BF-08-SR PULSECORE-ASM3I623S00BF-08-SR Datasheet
550Kb / 15P
Timing-Safe??Peak EMI reduction IC
ASM3I623S00BF-08-SR PULSECORE-ASM3I623S00BF-08-SR Datasheet
640Kb / 18P
Timing-Safe??Peak EMI reduction IC
ASM3I623S00BF-08-ST PULSECORE-ASM3I623S00BF-08-ST Datasheet
550Kb / 15P
Timing-Safe??Peak EMI reduction IC
ASM3I623S00BF-08-ST PULSECORE-ASM3I623S00BF-08-ST Datasheet
640Kb / 18P
Timing-Safe??Peak EMI reduction IC
ASM3I623S00BF-08-TR PULSECORE-ASM3I623S00BF-08-TR Datasheet
550Kb / 15P
Timing-Safe??Peak EMI reduction IC
More results

Similar Description - ASM3I623S00AG-08-TT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P2537A ONSEMI-PCS3P2537A Datasheet
133Kb / 7P
Peak EMI Reduction IC
JANUARY 2010 ??Rev. 1
PCS3P8103A ONSEMI-PCS3P8103A Datasheet
138Kb / 7P
General Purpose Peak EMI Reduction IC
APRIL 2010 ??Rev. 2
P3P76Z11D ONSEMI-P3P76Z11D Datasheet
164Kb / 10P
Peak EMI reduction IC
March, 2011 ??Rev. 0
P3PSL450A ONSEMI-P3PSL450A Datasheet
159Kb / 9P
Peak EMI Reduction IC
July, 2010 ??Rev. 1
PCS3P622Z05B ONSEMI-PCS3P622Z05B Datasheet
168Kb / 13P
Peak EMI Reduction IC
August, 2011 ??Rev. P2
ASM3P623S05A ONSEMI-ASM3P623S05A Datasheet
197Kb / 11P
Peak EMI Reduction IC
July 2010 ??Rev. 1
P3P622S01J ONSEMI-P3P622S01J Datasheet
135Kb / 6P
Peak EMI Reduction IC
October, 2014 ??Rev. 2
PCS3P623Z05A ONSEMI-PCS3P623Z05A Datasheet
173Kb / 13P
Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P73Z01AW ONSEMI-PCS3P73Z01AW Datasheet
202Kb / 13P
Peak EMI Reduction IC
August, 2011 ??Rev. 2
PCS3P8504A ONSEMI-PCS3P8504A_17 Datasheet
77Kb / 6P
General Purpose Peak EMI Reduction IC
June, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com