Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3I623S00AG-08-TT Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # ASM3I623S00AG-08-TT
Description  Zero Cycle Slip Peak EMI reduction IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3I623S00AG-08-TT Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  ASM3I623S00AG-08-TT Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TT Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TT Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TT Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TT Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TT Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TT Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TT Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TT Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
July 2005
ASM3P623S00A/B/C/D/E/F
rev 1.0
Zero Cycle Slip Peak EMI Reduction IC
2 of 16
Notice: The information in this document is subject to change without notice.
Spread Spectrum Frequency Generation
The clocks in digital systems are typically square waves
with a 50% duty cycle and as frequencies increase the
edge rates also get faster. Analysis shows that a square
wave is composed of fundamental frequency and
harmonics. The fundamental frequency and harmonics
generate the energy peaks that become the source of
EMI. Regulatory agencies test electronic equipment by
measuring the amount of peak energy radiated from the
equipment. In fact, the peak level allowed decreases as
the frequency increases. The standard methods of
reducing EMI are to use shielding, filtering, multi-layer
PCBs etc. These methods are expensive. Spread
spectrum clocking reduces the peak energy by reducing
the Q factor of the clock. This is done by slowly
modulating the clock frequency. The ASM3P623S00X
uses the center modulation spread spectrum technique in
which the modulated output frequency varies above and
below the reference frequency
with
a specified
modulation rate. With center modulation, the average
frequency is the same as the unmodulated frequency and
there is no performance degradation
Cycle Slip
Cycle slip occurs when the output clock edge
‘wanders’ away from the corresponding input clock
edge. There are two types of cycle slips – a Differential
cycle slip and an Integral cycle slip. The differential
cycle slip is caused due the clock edge variation over
one modulation cycle. It is defined by the maximum
amount of ‘wander’ the clock edge will have within one
modulation cycle. Integral cycle slip occurs due to the
accumulation of the cycle slip over successive modulation
cycles. In ASM3P623S00A/B/C/D/E/F the differential cycle
slip is within the value mentioned in the
“Differential Cycle
Slip and Spread Spectrum Control Table” and the Integral
Cycle Slip is ‘Zero’.
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CLKIN
CLKOUT1
VDD
CLKOUT6
CLKOUT7
CLKOUT4
CLKOUT5
VDD
GND
CLKOUT8
GND
SS%
ASM3P623S00 D/E/F
CLKOUT2
CLKOUT3
SSON
DLY CNTRL
1
2
3
4
5
6
7
8
CLKIN
NC
SS%
VDD
SSON
CLKOUT
NC
GND
ASM3P623S00A/B/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com