Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB303B Datasheet(PDF) 4 Page - ON Semiconductor

Part # FUSB303B
Description  FUSB303B Autonomous USB Type-C Port Controller with I2C and GPIO Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB303B Datasheet(HTML) 4 Page - ON Semiconductor

  FUSB303B Datasheet HTML 1Page - ON Semiconductor FUSB303B Datasheet HTML 2Page - ON Semiconductor FUSB303B Datasheet HTML 3Page - ON Semiconductor FUSB303B Datasheet HTML 4Page - ON Semiconductor FUSB303B Datasheet HTML 5Page - ON Semiconductor FUSB303B Datasheet HTML 6Page - ON Semiconductor FUSB303B Datasheet HTML 7Page - ON Semiconductor FUSB303B Datasheet HTML 8Page - ON Semiconductor FUSB303B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
FUSB303B
www.onsemi.com
4
PIN DESCRIPTIONS
Table 1. PIN DESCRIPTIONS
Pin #
Name
Type
Description
USB TYPE−C CONNECTOR INTERFACE
1, 2
CC1, CC2
I/O
Type−C Configuration Channel pins used for USB−C receptacles
4
VBUS_DET
Input
VBUS input pin for attach and detach detection
POWER AND GROUND
10
GND
Ground
Ground
12
VDD
Power
Input Supply Voltage
I2C SIGNAL INTERFACE
6
INT_N/OUT3
Open−Drain
Output
INT_N/OUT3 is a dual function pin. When in I2C mode (see ADDR/ORIENT pin), it is
the active LOW open drain interrupt output used to prompt the processor to read the
I2C register bits.
When the device is in GPIO mode (see ADDR/ORIENT pin), this pin is OUT3, an open
drain output
LOW = Audio Accessory detected
HIGH−Z = Audio Accessory not detected
7
SDA/OUT1
Open Drain
I/O
SDA/OUT1 and SCL/OUT2 are dual function pins. When in I2C mode (see ADDR/
ORIENT pin), SDA/OUT1 is the SDA data signal and SCL/OUT2 is the SCL clock
signal of the I2C interface.
When the device is in GPIO mode (see ADDR/ORIENT pin), these pins are OUT1 and
OUT2 inputs (I) or outputs (O) are shown below:
ID pin
OUT1 (I/O)
OUT2 (I/O)
Functionality
HIGH−Z
HIGH−Z (O)
LOW (O)
No Device Attached
HIGH−Z
HIGH−Z (O)
HIGH−Z (O)
Sink with Default Current
HIGH−Z
LOW (O)
HIGH−Z (O)
Sink with 1.5 A Current
HIGH−Z
LOW (O)
LOW (O)
Sink with 3 A Current
LOW
HIGH (I)
HIGH (I)
Source with Default Current
LOW
LOW (I)
HIGH (I)
Source with 1.5 A Current
LOW
LOW (I)
LOW (I)
Source with 3 A Current
LOW
HIGH (I)
LOW (I)
Reserved (Do Not Use)
8
SCL/OUT2
Open Drain
I/O
GPIO PIN INTERFACE
3
PORT/
DEBUG_N
Input then
Push/Pull
Output
PORT/DEBUG_N is a dual function pin: 3 state input to set the port role. On the falling
edge of EN_N and when VDD is active or during power up when EN_N is LOW, the
state of this pin is sampled. This pin is also sampled on a SW_RES soft reset via I2C.
HIGH = FUSB303B as a Source Only port
Float = FUSB303B as a Dual Role Port (DRP)
LOW = FUSB303B as a Sink Only port
Note: a 900 kW resistor should be used when connecting to VDD or GND to
reduce standby current.
Subsequently, this pin is the DEBUG_N push−pull output
LOW = Debug Accessory detected
HIGH = Debug Accessory not detected
5
ADDR/
ORIENT
Input then
Push/Pull
Output
ADDR/ORIENT is a dual function pin: 3 state input to set to I2C mode and the I2C
address or for GPIO mode. On the falling edge of EN_N and when VDD is active or
during power up when EN_N is LOW, the state of this pin is sampled. This pin is also
sampled on a SW_RES soft reset via I2C.
HIGH = I2C mode with address 62h
Float = GPIO mode
LOW = I2C mode with address 42h
Note: a 900 kW resistor should be used when connecting to VDD or GND to
reduce standby current.
Subsequently, this pin is the ORIENT push−pull output
LOW = CC is CC1 or A5 of the USB−C receptacle
HIGH = CC is CC2 or B5 of the USB−C receptacle
9
ID
Open−Drain
Output
Open drain output that indicate FUSB303B’s detection state as a Source or Sink
LOW = FUSB303B attached as a Source
HIGH−Z = FUSB303B attached as a Sink
11
EN_N
Input
Active LOW device enable input (has internal pull up resistor)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com