Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB303B Datasheet(PDF) 8 Page - ON Semiconductor

Part # FUSB303B
Description  FUSB303B Autonomous USB Type-C Port Controller with I2C and GPIO Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB303B Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FUSB303B Datasheet HTML 4Page - ON Semiconductor FUSB303B Datasheet HTML 5Page - ON Semiconductor FUSB303B Datasheet HTML 6Page - ON Semiconductor FUSB303B Datasheet HTML 7Page - ON Semiconductor FUSB303B Datasheet HTML 8Page - ON Semiconductor FUSB303B Datasheet HTML 9Page - ON Semiconductor FUSB303B Datasheet HTML 10Page - ON Semiconductor FUSB303B Datasheet HTML 11Page - ON Semiconductor FUSB303B Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
FUSB303B
www.onsemi.com
8
Table 6. DC AND TRANSIENT CHARACTERISTICS
(Unless otherwise specified: Recommended TA and TJ temperature ranges. All typical values are at TA = 25°C and VDD = 3.3 V unless
otherwise specified.)
Symbol
Parameter
TA = −40 to +85
°C
TJ=−40 to +125
°C
Unit
Min.
Typ.
Max
TYPE C SPECIFIC PARAMETERS
I80_CCX
Source 80 mA CC Current (Default) HOST_CUR1 = 0, HOST_CUR0 = 1 or
via GPIO mode
64
80
96
mA
I180_CCX
Source 180 mA CC Current (1.5 A) HOST_CUR1 = 1, HOST_CUR0 = 0 or
via GPIO mode
166
180
194
mA
I330_CCX
Source 330 mA CC Current (3 A) HOST_CUR1 = 1, HOST_CUR0 = 1 or via
GPIO mode (Note 3)
304
330
356
mA
VSNKDB
Sink Pull−Down Voltage in Dead Battery Under all Pull−up Source Loads
2.18
V
Rd
Sink Pull−Down Resistance when VDD is within Operating Range
4.6
5.1
5.6
kW
zOPEN
CC Resistance for Disabled State
126
kW
vRa−SRCdef
Ra Detection Threshold for CC Pin for Source for Default Current on VBUS
(HOST_CUR1/0 = 01) or via GPIO mode
0.15
0.20
0.25
V
vRa−SRC1.5A
Ra Detection Threshold for CC Pin for Source for 1.5 A Current on VBUS
(HOST_CUR1/0 = 10) or via GPIO mode
0.35
0.40
0.45
V
vRa−SRC3A
Ra Detection Threshold for CC Pin for Source for 3 A Current on VBUS
(HOST_CUR1/0 = 11) or via GPIO mode
0.75
0.80
0.85
V
vRd−SRCdef
Rd Detection Threshold for Source for Default Current
(HOST_CUR1/0 = 01) or via GPIO mode
1.50
1.60
1.65
V
vRd−SRC1.5A
Rd Detection Threshold for Source for 1.5 A Current (HOST_CUR1/0 = 10)
or via GPIO mode
1.50
1.60
1.65
V
vRd−SRC3A
Rd Detection Threshold for Source for 3 A Current (HOST_CUR1/0 = 11) or
via GPIO mode (Note 3)
2.45
2.60
2.75
V
vRa−SNK
Ra Detection Threshold for CC Pin for Sink
0.15
0.20
0.25
V
vRd−def
Rd Default Current Detection Threshold for Sink
0.61
0.66
0.70
V
vRd−1.5A
Rd 1.5 A Current Detection Threshold for Sink
1.16
1.23
1.31
V
vRd−3.0A
Rd 3 A Current Detection Threshold for Sink
2.04
2.11
2.18
V
vVBUSthr
VBUS_DET Threshold when VBUSOK is deasserted
2.9
3.3
3.67
V
tVBUSdeb
VBUS_DET debounce time before VBUSOK is deasserted only
(see tDeb below for VBUSOK being asserted)
10
20
ms
vVBthLH
VBUS_DET Threshold when VBUSOK is asserted
3.67
4.07
4.48
V
tDeb
VBUS_DET debounce time before VBUSOK is asserted
250
500
ms
vVSAFEthr
vSafe0V VBUS_DET Threshold
0.8
V
vVSAFEthrhys
VSAFE0V VBUS_DET Threshold hysteresis
50
mV
rVBUSleak
Leakage between VBUS and GND when VBUS not sourced
72.4
kW
rVBUSdschg
Effective resistance from VBUS and GND when VBUS is being discharged
from vSafe5V
VDD (V) = 2.85 to 5.5
2
kW
rPullup
Pull up resistor to VDD value on EN_N pin
VDD (V) = 2.85 to 5.5
6
MW
vAUTOSNKthr
Weak Battery VDD Threshold
−3%
AUTO
SNK_T
H
+3%
V
Ra
Resistor for discharging VCONN
VDD (V) = 2.85 to 5.5
1
kΩ
3. VDD = 3 V when 3 A current advertised.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com