Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3I623S00AG-08-TR Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM3I623S00AG-08-TR
Description  Zero Cycle Slip Peak EMI reduction IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3I623S00AG-08-TR Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM3I623S00AG-08-TR Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TR Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TR Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TR Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TR Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TR Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TR Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TR Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TR Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
July 2005
ASM3P623S00A/B/C/D/E/F
rev 1.0
Zero Cycle Slip Peak EMI Reduction IC
3 of 16
Notice: The information in this document is subject to change without notice.
Pin Description for ASM3P623S00A/B/C
Pin #
Pin Name
Description
1
CLKIN
2
Input reference frequency, 5V-tolerant input
2
NC
No Connect
3
SS%
4
Spread Spectrum Selection
4
GND
Ground
5
SSON
4
Spread Spectrum enable and disable option When SSON is HIGH, the spread
spectrum is enabled and when LOW, it turns off the spread spectrum.
6
CLKOUT
1,3
Buffered clock output
7
VDD
3.3V supply
8
NC
No Connect
Pin Description for ASM3P623S00D/E/F
Pin #
Pin Name
Description
1
CLKIN
2
Input reference frequency, 5V tolerant input
2
CLKOUT1
3
Buffered clock output
3
VDD
3.3V supply
4
SS%
4
Spread Spectrum Selection
5
GND
Ground
6
CLKOUT2
3
Buffered clock output
7
CLKOUT3
3
Buffered clock output
8
DLY CNTRL
The pin is used to skew the outputs such that they align with the input. The skew can
is in the range of 100-200pS
9
SSON
4
Spread Spectrum enable and disable option. When SSON is HIGH, the spread
spectrum is enabled and when LOW, it turns off the spread spectrum.
10
CLKOUT4
3
Buffered clock output
11
CLKOUT5
3
Buffered clock output
12
GND
Ground
13
VDD
3.3V supply
14
CLKOUT6
3
Buffered clock output
15
CLKOUT7
3
Buffered clock output
16
CLKOUT8
3
Buffered clock output
Notes:
1. This output is driven and has an internal feedback for the PLL.
2. Weak pull-down. 3. Weak pull-down on all outputs. 4. Weak pull-up on these inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com