Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3I623S00AG-08-TR Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM3I623S00AG-08-TR
Description  Zero Cycle Slip Peak EMI reduction IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3I623S00AG-08-TR Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM3I623S00AG-08-TR Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TR Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TR Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TR Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TR Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TR Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TR Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TR Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-TR Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
July 2005
ASM3P623S00A/B/C/D/E/F
rev 1.0
Zero Cycle Slip Peak EMI Reduction IC
5 of 16
Notice: The information in this document is subject to change without notice.
Operating Conditions for ASM3P623S00A/B/C and ASM3P623S00D/E/F Devices
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
0
70
°C
CL
Load Capacitance
30
pF
CIN
Input Capacitance
7
pF
Electrical Characteristics for ASM3P623S00A/B/C and ASM3P623S00D/E/F
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
VIL
Input LOW Voltage
5
0.8
V
VIH
Input HIGH Voltage
5
2.0
V
IIL
Input LOW Current
VIN = 0V
50
µA
IIH
Input HIGH Current
VIN = VDD
100
µA
VOL
Output LOW Voltage
6
IOL = 8mA
0.4
V
VOH
Output HIGH Voltage
6
IOH = -8mA
2.4
V
IDD
Supply Current
Unloaded outputs
15
mA
Zo
Output Impedance
23
Ω
Switching Characteristics for ASM3P623S00A/B/C and ASM3P623S00D/E/F
7
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
1/t1
Output Frequency
30pF load
20
50
MHz
Duty Cycle
6 = (t2 / t1) * 100
Measured at VDD/2
40
50
60
%
t3
Output Rise Time
6
Measured between 0.8V and 2.0V
2.5
nS
t4
Output Fall Time
6
Measured between 2.0V and 0.8V
2.5
nS
t5
Output-to-output skew
6
All outputs equally loaded
250
pS
t6
Delay, CLKIN Rising Edge to
CLKOUT Rising Edge
6
Measured at VDD /2
±350
pS
t7
Device-to-Device Skew
6
Measured at VDD/2 on the CLKOUT pins
of the device
700
pS
tJ
Cycle-to-cycle jitter
6
Loaded outputs
200
pS
tLOCK
PLL Lock Time
6
Stable power supply, valid clock presented
on CLKIN pin
1.0
mS
Notes:
5. CLKIN input has a threshold voltage of VDD/2
6. Parameter is guaranteed by design and characterization. Not 100% tested in production
7. All parameters specified with loaded outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com