Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSP4940 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4940
Description  Dual N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4940 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4940 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4940 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4940 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4940 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4940 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
40
V
VGS
Gate-Sou
rce Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
1
8.3
A
ID@TC=70℃
Continuous Drain Current, VGS @ 10V
1
6.8
A
IDM
Pulsed Drain Current
2
50
A
A
PD@TA=
70℃
Total Power Dissipatio
n TA=70°C
2.1
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient
1
---
110
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
62.5
℃
/W
BVDSS
RDSON
ID
40V
22mΩ
8.3A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applicatio
White LED boost converters
Automotive Systems
Industrial DC/DC Conversion Circuits
Absolute Maximum Ratings
Thermal Data
SOP
-8 Pin Configuration
Product Summery
Page 1
www.winsok.tw
Dec.2014
WSP4940
Dual N-Channel MOSFET
The WSP4940 is the highest performance
trench N-ch MOSFET with extreme high cell
density,which provide excellent RDSON and
gate chargens for most of the synchronous
buck converter applications .
The WSP4940 meet the RoHS and
Green Product requirement,100% EAS
guaranteed with full function reliability
approved.
Total Power Dissipation
TA=25°C
PD@TA=25℃
1.3
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature


Similar Part No. - WSP4940

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSP4953 WIINSOK-WSP4953 Datasheet
938Kb / 5P
Dual P-Ch MOSFET
WSP4953A WIINSOK-WSP4953A Datasheet
820Kb / 5P
Dual P-Ch MOSFET
logo
SHENZHEN DOINGTER SEMIC...
WSP4953A DOINGTER-WSP4953A Datasheet
1Mb / 5P
Dual P-Channel MOSFET uses advanced trench technology
logo
Shenzhen Guan Hua Wei Y...
WSP4955 WIINSOK-WSP4955 Datasheet
640Kb / 5P
Dual P-Ch MOSFET
logo
SHENZHEN DOINGTER SEMIC...
WSP4955 DOINGTER-WSP4955 Datasheet
1Mb / 4P
Dual P-Channel MOSFET uses advanced trench technology
More results

Similar Description - WSP4940

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com