Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSP4940 Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4940
Description  Dual N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4940 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4940 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4940 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4940 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4940 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4940 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
40
---
---
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V , ID=
6.6A
---
22
m
Ω
VGS=4.5V , ID=
5.9A
---
27
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1.
0
1.
8
2.5
V
IDSS
Drain-Source Leakage Current
VDS=24V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=24V , VGS=0V , TJ=55℃
---
---
25
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=
15V , ID=6.6A
---
40
---
S
Qg
Total Gate Charge (4.5V)
VDS=15V , VGS=4.5V , ID=
8.8A
---
19
9.4
nC
Qgs
Gate-Source Charge
---
5.7
---
Qgd
Gate-Drain Charge
---
9.2
---
Td(on)
Turn-On Delay Time
VDD=15V
,VGEN=10V,RG=6Ω,
ID=
1A,RL=15Ω.
---
9
ns
Tr
Rise Time
---
17
Td(off)
Turn-Off Delay Time
---
59
Tf
Fall Time
---
26
Ciss
Input Capacitance
VDS=15V , VGS=0V , f=1MHz
---
1309
pF
Coss
Output Capacitance
---
250
Crss
Reverse Transfer Capacitance
---
151
Note :
1.
2.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Page 2
www.winsok.tw
Dec.2014
WSP4940
Dual N-Channel MOSFET
---
---
---
---
---
---
---
---
---
Pulse test: PW <= 300us duty cycle <= 2%.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com