Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-121-R-L11-MPF Datasheet(PDF) 4 Page - Luminus, Inc

Part # PT-121-R-L11-MPF
Description  Thermally Enhanced LED Projection Chipset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

PT-121-R-L11-MPF Datasheet(HTML) 4 Page - Luminus, Inc

  PT-121-R-L11-MPF Datasheet HTML 1Page - Luminus, Inc PT-121-R-L11-MPF Datasheet HTML 2Page - Luminus, Inc PT-121-R-L11-MPF Datasheet HTML 3Page - Luminus, Inc PT-121-R-L11-MPF Datasheet HTML 4Page - Luminus, Inc PT-121-R-L11-MPF Datasheet HTML 5Page - Luminus, Inc PT-121-R-L11-MPF Datasheet HTML 6Page - Luminus, Inc PT-121-R-L11-MPF Datasheet HTML 7Page - Luminus, Inc PT-121-R-L11-MPF Datasheet HTML 8Page - Luminus, Inc PT-121-R-L11-MPF Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Ordering Information (cont.)
4
PDS-002060 Rev 07 © 2019 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
11145 Sonora Court • Sunnyvale, CA 94086 USA
PT-121-TE Product Datasheet
Note 1:
A Bin Kit represents a group of individual flux or power bins that are shippable for a given ordering part number. Individual flux bins are not orderable.
EXAMPLES:
PT-121-RA-L11-MPF is comprised of Red-Amber Flux Bins 5D, 5E, 5F, 5G, 5H, 5J.
PT-121-B-L11-EPD is comprised of Blue Flux Bins 5F, 5G, 5H, 5J, 5K and DWL bins WY, WX, WZ (DWL range 450nm-468nm)
PT-121-B-L11-EPD101 is comprised of Blue Flux Bins 5F, 5G, 5H, 5J, 5K and DWL bins WX only (DWL range 454nm-462nm)
Ordering Part Number Nomenclature
Product Family
Chip Area
Color
Package Configuration
Bin Kit1
PT: Copper-core
PCB
121: 12 mm2
R= Red (623nm, typ)
RA= Red -Amber (613nm, typ)
RAX= Red Amber (613nm,typ)
G= Green
B= Blue
L11: 28 mm x 26.75 mm
See Mechanical Drawing section
See page 4 for bin kit
definition
PT
mm
XXXX
L11
XYZ
PT-121 Blue Dominant Wavelength Bin Definition
Blue Dominant Wavelength Bins
Blue Dominant Wavelength
Bin Designator1
nnn
WY
(450 nm - 454 nm)
WX
(454 nm - 462 nm)
WZ
(462 nm - 468 nm)
None
þ
þ
þ
101
þ
102
þ
þ
103
þ
þ
Note 1: See page 3 for examples of ordering part numbers for PT-121 Blue on Ordering Part Number Nomenclature section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com